Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 49 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 49 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 45Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 46Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 47Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 48Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 49Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 50Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 51Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 52Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
47
Ad vance
Information
7.6
Simultaneous Read/Write
The simultaneous read/write feature allows the host system to read data from one bank of mem-
ory while programming or erasing another bank of memory. An erase operation may also be
suspended to read from or program another location within the same bank (except the sector
being erased). Figure 11.24, Back-to-Back Read/Write Cycle Timings, shows how read and write
cycles may be initiated for simultaneous operation with zero latency. Refer to the DC Character-
istics (CMOS Compatible) table for read-while-program and read-while-erase current
specification.
7.7
Writing Commands/Command Sequences
When the device is configured for Asynchronous read, only Asynchronous write operations are
allowed, and CLK is ignored. When in the Synchronous read mode configuration, the device is able
to perform both Asynchronous and Synchronous write operations. CLK and AVD# induced address
latches are supported in the Synchronous programming mode. During a synchronous write oper-
ation, to write a command or command sequence (which includes programming data to the
device and erasing sectors of memory), the system must drive AVD# and CE# to VIL, and OE#
to VIH when providing an address to the device, and drive WE# and CE# to VIL, and OE# to VIH
when writing commands or data. During an asynchronous write operation, the system must drive
CE# and WE# to VIL and OE# to VIH when providing an address, command, and data. Addresses
are latched on the last falling edge of WE# or CE#, while data is latched on the 1st rising edge of
WE# or CE#. An erase operation can erase one sector, multiple sectors, or the entire device.
Tables 6.1–6.3 indicate the address space that each sector occupies. The device address space is
divided into sixteen banks: Banks 1 through 14 contain only 64 Kword sectors, while Banks 0 and
15 contain both 16 Kword boot sectors in addition to 64 Kword sectors. A “bank address” is the
set of address bits required to uniquely select a bank. Similarly, a “sector address” is the address
bits required to uniquely select a sector. ICC2 in “DC Characteristics” represents the active current
specification for the write mode. “AC Characteristics-Synchronous” and “AC Characteristics-Asyn-
chronous” contain timing specification tables and timing diagrams for write operations.
7.8
Handshaking
The handshaking feature allows the host system to detect when data is ready to be read by simply
monitoring the RDY (Ready) pin, which is a dedicated output and controlled by CE#.
When the device is configured to operate in synchronous mode, and OE# is low (active), the initial
word of burst data becomes available after either the falling or rising edge of the RDY pin (de-
pending on the setting for bit 10 in the Configuration Register). It is recommended that the host
system set CR13–CR11 in the Configuration Register to the appropriate number of wait states to
ensure optimal burst mode operation (see Table 7.8, Configuration Register).
Bit 8 in the Configuration Register allows the host to specify whether RDY is active at the same
time that data is ready, or one cycle before data is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com