Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 39 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 39 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 35Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 36Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 37Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 38Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 39Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 40Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 41Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 42Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
37
Ad vance
Information
7.5.4 Chip Erase Command Sequence
Chip erase is a six-bus cycle operation as indicated by Table 12.1. These commands invoke the
Embedded Erase algorithm, which does not require the system to preprogram prior to erase. The
Embedded Erase algorithm automatically preprograms and verifies the entire memory for an all
zero data pattern prior to electrical erase. After a successful chip erase, all locations of the chip
contain FFFFh. The system is not required to provide any controls or timings during these oper-
ations. The “Command Definition” section in the appendix shows the address and data
requirements for the chip erase command sequence.
When the Embedded Erase algorithm is complete, that bank returns to the read mode and ad-
dresses are no longer latched. The system can determine the status of the erase operation by
using DQ7 or DQ6/DQ2. Refer to “Write Operation Status” for information on these status bits.
Any commands written during the chip erase operation are ignored. However, note that a hard-
ware reset immediately terminates the erase operation. If that occurs, the chip erase command
sequence should be reinitiated once that bank has returned to reading array data, to ensure data
integrity.
The following is a C source code example of using the chip erase function. Refer to the Span-
sion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com) for
general information on Spansion Flash memory software development guidelines.
/* Example: Chip Erase Command */
/* Note: Cannot be suspended
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0080;
/* write setup command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write additional unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write additional unlock cycle 2 */
*( (UINT16 *)base_addr + 0x000 ) = 0x0010;
/* write chip erase command
*/
7.5.5 Erase Suspend/Erase Resume Commands
When the Erase Suspend command is written during the sector erase time-out, the device imme-
diately terminates the time-out period and suspends the erase operation. The Erase Suspend
command allows the system to interrupt a sector erase operation and then read data from, or
program data to, any sector not selected for erasure. The bank address is required when writing
this command. This command is valid only during the sector erase operation, including the min-
imum tSEA time-out period during the sector erase command sequence. The Erase Suspend
command is ignored if written during the chip erase operation.
When the Erase Suspend command is written after the tSEA time-out period has expired and dur-
ing the sector erase operation, the device requires a maximum of tESL (erase suspend latency) to
suspend the erase operation.
Software Functions and Sample Code
Table 7.15. Chip Erase
(LLD Function = lld_ChipEraseCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Setup Command
Write
Base + AAAh
Base + 555h
0080h
4
Unlock
Write
Base + AAAh
Base + 555h
00AAh
5
Unlock
Write
Base + 554h
Base + 2AAh
0055h
6
Chip Erase Command
Write
Base + AAAh
Base + 555h
0010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com