Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 22 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 22 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 18Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 19Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 20Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 21Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 22Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 23Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 24Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 25Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
20
S29WS-N_00_G0 January 25, 2005
Adva nce
Information
7
Device Operations
This section describes the read, program, erase, simultaneous read/write operations, handshak-
ing, and reset features of the Flash devices.
Operations are initiated by writing specific commands or a sequence with specific address and
data patterns into the command registers (see Tables 12.1 and 12.2). The command register itself
does not occupy any addressable memory location; rather, it is composed of latches that store
the commands, along with the address and data information needed to execute the command.
The contents of the register serve as input to the internal state machine and the state machine
outputs dictate the function of the device. Writing incorrect address and data values or writing
them in an improper sequence may place the device in an unknown state, in which case the sys-
tem must write the reset command to return the device to the reading array data mode.
7.1
Device Operation Table
The device must be setup appropriately for each operation. Table 7.1 describes the required state
of each control pin for any particular operation.
Table 7.1. Device Operations
Legend: L = Logic 0, H = Logic 1, X = Don’t Care, I/O = Input/Output.
7.2
Asynchronous Read
All memories require access time to output array data. In an asynchronous read operation, data
is read from one memory location at a time. Addresses are presented to the device in random
order, and the propagation delay through the device causes the data on its outputs to arrive asyn-
chronously with the address on its inputs.
The device defaults to reading array data asynchronously after device power-up or hardware re-
set. Asynchronous read requires that the CLK signal remain at VIL during the entire memory read
operation. To read data from the memory array, the system must first assert a valid address on
Amax–A0, while driving AVD# and CE# to VIL. WE# must remain at VIH. The rising edge of AVD#
latches the address. The OE# signal must be driven to VIL, once AVD# has been driven to VIH.
Operation
CE#
OE#
WE#
Addresses
DQ15–0
RESET#
CLK
AVD#
Asynchronous Read - Addresses Latched
L
L
H
Addr In
Data Out
H
X
Asynchronous Read - Addresses Steady State
L
L
H
Addr In
Data Out
H
X
L
Asynchronous Write
L
H
L
Addr In
I/O
H
X
L
Synchronous Write
L
H
L
Addr In
I/O
H
Standby (CE#)
H
X
X
X
HIGH Z
H
X
X
Hardware Reset
X
X
X
X
HIGH Z
L
X
X
Burst Read Operations (Synchronous)
Load Starting Burst Address
L
X
H
Addr In
X
H
Advance Burst to next address with appropriate
Data presented on the Data Bus
LL
H
X
Burst
Data Out
HH
Terminate current Burst read cycle
H
X
H
X
HIGH Z
H
X
Terminate current Burst read cycle via RESET#
X
X
H
X
HIGH Z
L
X
X
Terminate current Burst read cycle and start new
Burst read cycle
LX
H
Addr In
I/O
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com