Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 87 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 87 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 83Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 84Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 85Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 86Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 87Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 88Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 89Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 90Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 91Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
85
Ad vance
Information
11.8.7 Erase and Programming Performance
Notes:
1.
Typical program and erase times assume the following conditions: 25°C, 1.8 V VCC, 10,000
cycles; checkerboard data pattern.
2. Under worst case conditions of 90°C, VCC = 1.70 V, 100,000 cycles.
3. Typical chip programming time is considerably less than the maximum chip programming
time listed, and is based on utilizing the Write Buffer.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed
to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence
for the program command. See the Appendix for further information on command
definitions.
6. Contact the local sales office for minimum cycling endurance values in specific applications
and operating conditions.
7. Refer to Application Note “Erase Suspend/Resume Timing” for more details.
8. Word programming specification is based upon a single word programming operation not
utilizing the write buffer.
9. The content in this document is Advance information for the S29WS064N and S29WS128N.
Content in this document is Preliminary for the S29W256N.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
64 Kword
VCC
0.6
3.5
s
Excludes 00h
programming prior
to erasure (Note 4)
16 Kword
VCC
<0.15
2
Chip Erase Time
VCC
153.6 (WS256N)
77.4 (WS128N)
39.3 (WS064N)
308 (WS256N)
154 (WS128N)
78 (WS064N)
s
ACC
130.6 (WS256N)
65.8 (WS128N)
33.4 (WS064N)
262 (WS256N)
132 (WS128N)
66 (WS064N)
Single Word Programming Time
(Note 8)
VCC
40
400
µs
ACC
24
240
Effective Word Programming Time
utilizing Program Write Buffer
VCC
9.4
94
µs
ACC
6
60
Total 32-Word Buffer Programming
Time
VCC
300
3000
µs
ACC
192
1920
Chip Programming Time (Note 3)
VCC
157.3 (WS256N)
78.6 (WS128N)
39.3 (WS064N)
314.6 (WS256N)
157.3 (WS128N)
78.6 (WS064N)
s
Excludes system
level overhead
(Note 5)
ACC
100.7 (WS256N)
50.3 (WS128N)
25.2 (WS064N)
201.3 (WS256N)
100.7 (WS128N)
50.3 (WS064N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com