Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 55 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 55 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 51Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 52Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 53Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 54Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 55Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 56Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 57Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 58Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
53
Ad vance
Information
Figure 8.2. PPB Program/Erase Algorithm
8.3
Dynamic Protection Bits
Dynamic Protection Bits are volatile and unique for each sector and can be individually modified.
DYBs only control the protection scheme for unprotected sectors that have their PPBs cleared
(erased to “1”). By issuing the DYB Set or Clear command sequences, the DYBs are set (pro-
grammed to “0”) or cleared (erased to “1”), thus placing each sector in the protected or
unprotected state respectively. This feature allows software to easily protect sectors against in-
advertent changes yet does not prevent the easy removal of protection when changes are
needed.
Read Byte Twice
Addr = SA0
Enter PPB
Command Set.
Addr = BA
Program PPB Bit.
Addr = SA
DQ5 = 1?
Yes
Yes
Yes
No
No
No
Yes
DQ6 =
Toggle?
DQ6 =
Toggle?
Read Byte.
Addr = SA
PASS
FAIL
Issue Reset
Command
Exit PPB
Command Set
DQ0 =
'1' (Erase)
'0' (Pgm.)?
Read Byte Twice
Addr = SA0
No
Wait 500 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com