Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 71 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 71 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 67Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 68Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 69Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 70Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 71Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 72Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 73Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 74Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
69
Ad vance
Information
11.8.2 Synchronous/Burst Read
Notes:
1. Addresses are latched on the first rising edge of CLK.
2. Not 100% tested.
3. The content in this document is Advance information for the S29WS064N and
S29WS128N. Content in this document is Preliminary for the S29W256N.
Parameter
Description
54 MHz
66 MHz
80 MHz
Unit
JEDEC
Standard
tIACC
Latency
Max
80
ns
tBACC
Burst Access Time Valid Clock to Output Delay Max
13.5
11.2
9
ns
tACS
Address Setup Time to CLK (Note 1)
Min
5
4
ns
tACH
Address Hold Time from CLK (Note 1)
Min
7
6
ns
tBDH
Data Hold Time from Next Clock Cycle
Min
4
3
ns
tCR
Chip Enable to RDY Valid
Max
13.5
11.2
9
ns
tOE
Output Enable to Output Valid
Max
13.5
11.2
ns
tCEZ
Chip Enable to High Z (Note 2)
Max
10
ns
tOEZ
Output Enable to High Z (Note 2)
Max
10
ns
tCES
CE# Setup Time to CLK
Min
4
ns
tRDYS
RDY Setup Time to CLK
Min
5
4
3.5
ns
tRACC
Ready Access Time from CLK
Max
13.5
11.2
9
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
tAVC
AVD# Low to CLK
Min
4
ns
tAVD
AVD# Pulse
Min
8
ns
tAOE
AVD Low to OE# Low
Max
38.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com