Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 94 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 94 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 90Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 91Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 92Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 93Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 94Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 95Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 96Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 97Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 98Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 99 page
background image
92
S29WS-N_00_G0 January 25, 2005
Adva nce
Information
Table 12.6. Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0034h
Minor version number, ASCII
45h
0100h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Technology (Bits 5-2) 0100 = 0.11 µm
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0008h
Sector Protect/Unprotect scheme
08 = Advanced Sector Protection
4Ah
00F3h (WS256N)
007Bh (WS128N)
003Fh (WS064N)
Simultaneous Operation
Number of Sectors in all banks except boot bank
4Bh
0001h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page, 04 = 16 Word
Page
4Dh
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Top/Bottom Boot Sector Flag
0001h = Dual Boot Device
50h
0001h
Program Suspend. 00h = not supported
51h
0001h
Unlock Bypass
00 = Not Supported, 01=Supported
52h
0007h
SecSi Sector (Customer OTP Area) Size 2N bytes
53h
0014h
Hardware Reset Low Time-out during an embedded algorithm to read
mode Maximum 2N ns
54h
0014h
Hardware Reset Low Time-out not during an embedded algorithm to read
mode Maximum 2N ns
55h
0005h
Erase Suspend Time-out Maximum 2N ns
56h
0005h
Program Suspend Time-out Maximum 2N ns
57h
0010h
Bank Organization: X = Number of banks
58h
0013h (WS256N)
000Bh (WS128N)
0007h (WS064N)
Bank 0 Region Information. X = Number of sectors in bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com