Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 229Page - National Semiconductor (TI) CS5530A Datasheet HTML 230Page - National Semiconductor (TI) CS5530A Datasheet HTML 231Page - National Semiconductor (TI) CS5530A Datasheet HTML 232Page - National Semiconductor (TI) CS5530A Datasheet HTML 233Page - National Semiconductor (TI) CS5530A Datasheet HTML 234Page - National Semiconductor (TI) CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 259 page
background image
Revision 1.1
233
www.national.com
Register Descriptions (Continued)
Table 4-36. GPIO Mapping (0x10-0x17)
SETUP_
DATA
Function
xx Value
0x00
No mapping – Do not use this GPIO pin
0x08
Assign GPIOx to PWRBTN_STS bit in PM1A_STS
0x09
Assign GPIOx to SLPBTN_STS in PM1A_STS
0x10
Assign GPIOx to bit 0 in GPE0_STS register
0x11
Assign GPIOx to bit 1 in GPE0_STS register
0x12
Assign GPIOx to bit 2 in GPE0_STS register
0x13
Assign GPIOx to bit 3 in GPE0_STS register
0x14
Assign GPIOx to bit 4 in GPE0_STS register
0x15
Assign GPIOx to bit 5 in GPE0_STS register
0x16
Assign GPIOx to bit 6 in GPE0_STS register
0x17
Assign GPIOx to bit 7 in GPE0_STS register
0x18
Assign GPIOx to bit 8 in GPE0_STS register
0x19
Assign GPIOx to bit 9 in GPE0_STS register
0x1A
Assign GPIOx to bit 10 in GPE0_STS register
0x1B
Assign GPIOx to bit 11 in GPE0_STS register
0x1C
Assign GPIOx to bit 12 in GPE0_STS register
0x1D
Assign GPIOx to bit 13 in GPE0_STS register
0x1E
Assign GPIOx to bit 14 in GPE0_STS register
0x1F
Assign GPIOx to bit 15 in GPE0_STS register
y Value (y values may be ORed together to get the desired combination of features)
0x01
Falling edge
0x02
Rising edge
0x04
Power button
0x08
Reserved
Note: For GPIO mapping, a value of 0000zyxx is used where:
z = a runtime/wake indicator
y = the edge to be used
xx = a bit in either PM1A_STS or GPE0_STS
When using V-ACPI both edges of GPIO6 can be sensed. When using the CS5530A, GPIO6 provides additional hardware that
enables the chipset to generate an SMI on both the rising and falling edges of the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com