Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 230Page - National Semiconductor (TI) CS5530A Datasheet HTML 231Page - National Semiconductor (TI) CS5530A Datasheet HTML 232Page - National Semiconductor (TI) CS5530A Datasheet HTML 233Page - National Semiconductor (TI) CS5530A Datasheet HTML 234Page - National Semiconductor (TI) CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 259 page
background image
www.national.com
234
Revision 1.1
Register Descriptions (Continued)
Table 4-37. IRQ Wakeup Status Mapping (0x30-0x3F)
SETUP_
DATA
Function
0
Do not wakeup on IRQ activity.
0x0a
Assign IRQ Wake to bit 10 in PM1A_STS register
0x10
Assign IRQ Wake to bit 0 in GPE0_STS register
0x11
Assign IRQ Wake to bit 1 in GPE0_STS register
0x12
Assign IRQ Wake to bit 2 in GPE0_STS register
0x13
Assign IRQ Wake to bit 3 in GPE0_STS register
0x14
Assign IRQ Wake to bit 4 in GPE0_STS register
0x15
Assign IRQ Wake to bit 5 in GPE0_STS register
0x16
Assign IRQ Wake to bit 6 in GPE0_STS register
0x17
Assign IRQ Wake to bit 7 in GPE0_STS register
0x18
Assign IRQ Wake to bit 8 in GPE0_STS register
0x19
Assign IRQ Wake to bit 9 in GPE0_STS register
0x1A
Assign IRQ Wake to bit 10 in GPE0_STS register
0x1B
Assign IRQ Wake to bit 11 in GPE0_STS register
0x1C
Assign IRQ Wake to bit 12 in GPE0_STS register
0x1D
Assign IRQ Wake to bit 13 in GPE0_STS register
0x1E
Assign IRQ Wake to bit 14 in GPE0_STS register
0x1F
Assign IRQ Wake to bit 15 in GPE0_STS register
Note: When the ability to wakeup on an IRQ is desired use Index 0x31 through 0x3F. This will allow sensing of interrupts while sleeping
and waking of the system when activity occurs.
The desired GPE0 Status bit will only be set if the system is sleeping and a wake
event occurs. The system will only wake if the status bit is enabled in the corresponding enable register.
IRQ8 (RTC) is assigned to the RTC_STS bit in the PM1A_STS register by default and should NOT be changed.
For enabling and selection of the GPE0 Status bit to be set when Wake on IRQ Activity is desired, use the SETUP_DATA values
listed above.
Table 4-38. Commands (0x41-0x43, and 0x50)
Index
Function
0x41
Configure IRQ to be used for SCI: When mapping the SCI interrupt SETUP_IDX contains the number of the IRQ to be
used for the SCI. Valid values are 3-7, 9-12, and 14-15. Invalid values will not change the assignment of the SCI IRQ. The
default value for the SCI IRQ is 9.
0x42
Enable Reads of ACPI Registers: Prior to the issuance of this command only
WRITES can be performed to the V-ACPI
Fixed feature registers. This command MUST be issued to enable reading of the registers. This is to prevent the User Def 1
hook on NON-ACPI systems from interfering with system functions.
0x43
Do Atomic I/O Sequence: This command allows a sequence of I/O operations to be done with no interruption. Certain
SuperI/O chips must receive unlock codes with NO intervening I/O. In addition other SuperI/O chips do not allow I/O to
devices while in configuration mode. This command will insure that I/O operations are completed without interruption. The
address of a sequence of I/O commands is placed in the SETUP_DATA register. The command sequence will then be pro-
cessed immediately.
The I/O command sequence consists of two parts: the signature/length block and the I/O block. There is only one signa-
ture/length block. There may be one or more I/O blocks.
The signature block consists of four DWORDs (see Table 4-39).
The I/O block consists of four bytes followed by three DWORDs (see Table 4-40).
0x50
Video Power: This command will control the power to the SoftVGA. If SETUP_DATA is written with a 0, power will be turned
off. If a 1 is written, power will be turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com