Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 234Page - National Semiconductor (TI) CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) CS5530A Datasheet HTML 239Page - National Semiconductor (TI) CS5530A Datasheet HTML 240Page - National Semiconductor (TI) CS5530A Datasheet HTML 241Page - National Semiconductor (TI) CS5530A Datasheet HTML 242Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 259 page
background image
www.national.com
238
Revision 1.1
Electrical Specifications (Continued)
5.4
DC CHARACTERISTICS
All DC parameters and current measurements in this section were measured under the operating conditions listed in Table
5-3 on page 237, unless otherwise noted.
Table 5-4. DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Comments
VIL
Low Level Input Voltage (Note 1)
8mA
0.8
V
VDD =3.14V
CLK
0.8
IDE
0.8
PCI
-0.5
0.3VDD
VIH
High Level Input Voltage (Note 1)
8mA
2.0
V
VDD =3.14V
CLK
2.0
IDE
2.0
PCI
0.5VDD
VDD+0.5
VOL
Low Level Output Voltage (Note 1)
8mA
0.4
V
VDD =3.14V,IOL =8 mA
DOTCLK
0.4
VDD =3.14V,IOL =20mA
FP_CLK
0.4
VDD =3.14V,IOL =12mA
IDE
0.5
VDD =3.14V,IOL =12mA
PCI
0.1VDD
VDD =3.14V,IOL =1.5 mA
USB
0.3
RL =1.5 KΩ to VDD, VDD =3.46V
VOH
High Level Output Voltage (Note 1)
8mA
2.4
V
VDD =3.14V,IOH =-8 mA
DOTCLK
2.4
VDD =3.14V,IOH =-20 mA
FP_CLK
2.4
VDD =3.14V,IOH =-12 mA
IDE
2.4
VDD =3.14V,IOH =-400 µA
PCI
0.9VDD
VDD =3.14V,IOH =-0.5 mA
USB
2.8
VDD
VDD =3.14V,RL =15KΩ to VSS
ILEAK
Input Leakage Current Including Hi-Z Output Leakage (Note 1)
8 mA, CLK, DOTCLK,
FP_CLK, IDE, PCI
+/-10
µA
VDD =VDDIO =3.46V,
VPAD = 0 to 3.46V, Note 2
+/-200
VDD =VDDIO =3.46V,
VPAD =3.46to5.5V, Note 2
IPU
Weak Pull-Up Current (Note 1)
8 mA
-50
µA
VDDIO = 3.46V, Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com