Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) CS5530A Datasheet HTML 239Page - National Semiconductor (TI) CS5530A Datasheet HTML 240Page - National Semiconductor (TI) CS5530A Datasheet HTML 241Page - National Semiconductor (TI) CS5530A Datasheet HTML 242Page - National Semiconductor (TI) CS5530A Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 259 page
background image
Revision 1.1
239
www.national.com
Electrical Specifications (Continued)
IOH
Output High Current (Note 1)
8mA
-8
mA
VDD =VDDIO =VDDmin = 3.14V
FP_CLK
-12
IDE
-0.5
PCI
-0.5
VDD =VDDIO =VDDmin=3.14V
IOL
Output Low Current (Note 1)
8mA
8
mA
VDD =VDDIO =VDDmin =3.14V
FP_CLK
12
IDE
12
VDD =VDDIO =VDDmin =3.14V
PCI
1.5
VDD =VDDIO =VDDmin =3.14V
VH
Hysteresis Voltage 8 mA,
CLK (Note 1)
350
mV
VT+ –VT-
VDI
USB - Differential Input
Sensitivity
0.2
V
|(D+)-(D-)|, within VCM,Note3
VCM
USB - Differential Common
Mode Range
0.8
2.5
V
Includes VDI range
VSE
USB - Single Ended
Receiver Threshold
0.8
2.0
V
VCRS
USB - Output Signal Crossover Voltage
Low Speed
1.3
2.0
V
VDD = 3.14V to 3.46V,
See Figure 5-9 and Figure 5-10
on page 248
Full Speed
1.3
2.0
V
CIN
Input Capacitance (Note 1)
8mA
5
pF
Note 3
CLK
5
12
IDE
25
PCI
10
COUT
Output Capacitance - All
Digital Drivers
7pF
Note 3
1.
Pins with this buffer type are listed in Table 2-3 "352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name"
on page 19.
2.
Pins with a pull-up always enabled are denoted in Table 5-1 "Pins with Weak Internal Pull-Up" on page 237. Note that
the leakage specification does not apply to hard-wired pull-ups.
3.
Not 100% tested.
Table 5-4. DC Characteristics (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com