Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) CS5530A Datasheet HTML 239Page - National Semiconductor (TI) CS5530A Datasheet HTML 240Page - National Semiconductor (TI) CS5530A Datasheet HTML 241Page - National Semiconductor (TI) CS5530A Datasheet HTML 242Page - National Semiconductor (TI) CS5530A Datasheet HTML 243Page - National Semiconductor (TI) CS5530A Datasheet HTML 244Page - National Semiconductor (TI) CS5530A Datasheet HTML 245Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 259 page
background image
Revision 1.1
241
www.national.com
Electrical Specifications (Continued)
Table 5-6. DC Characteristics During Power States
Symbol
Parameter
Min
Typ
Max
Units
Comments
Core (Note 1)
IDD_CORE
Active IDD
145
255
mA
Note 2 and Note 3
IDDAI_CORE
Active Idle IDD
85
mA
Note 4
IDDSM_CORE
SuspendModeIDD
29
mA
Note 5
IDDSS_CORE
Standby IDD
5.7
mA
Note 6
DAC (Note 1)
IDD_DAC
Active IDD
60
85
mA
Note 2 and Note 3
IDDAI_DAC
Active Idle IDD
60
mA
Note 4
IDDSM_DAC
SuspendModeIDD
0.2
mA
Note 5
IDDSS_DAC
Standby IDD
0.2
mA
Note 6
PLL (Note 1)
IDD_PLL
Active IDD
66
mA
IDDAI_PLL
Active Idle IDD
6mA
Note 4
IDDSM_PLL
SuspendModeIDD
0.3
mA
Note 5
IDDSS_PLL
Standby IDD
0.2
mA
Note 6
EXTVREFIN
IDD_EXTVREFIN
Active IDD
75
µA
1.
Outputs unloaded.
2.
Maximum current is measured under the following assumptions:
PCICLK = 33 MHz, USBCLK = 48 MHz, DCLK = 157 MHz, and VID_CLK = 133 MHz.
3.
Typical current is measured under the following assumptions:
PCICLK = 33 MHz, USBCLK = 48 MHz, DCLK = 50 MHz, and VID_CLK = 0 MHz.
4.
Active Idle current is measured under the following assumptions with SUSPA# asserted:
PCICLK = 33 MHz, USBCLK = 48 MHz, DCLK = 50 MHz, and VID_CLK = 0 MHz.
5.
Suspend current is measured under the following assumptions with SUSPA# asserted:
PCICLK = 33 MHz, USBCLK = 48 MHz, DCLK = 0 MHz, and VID_CLK = 0 MHz.
6.
Standby current is measured under the following assumptions with SUSPA# and SUSP_3V (stop clock signal) asserted:
PCICLK = 0 MHz, USBCLK = 0 MHz, DCLK = 0 MHz, and VID_CLK = 0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com