Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 233Page - National Semiconductor (TI) CS5530A Datasheet HTML 234Page - National Semiconductor (TI) CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) CS5530A Datasheet HTML 239Page - National Semiconductor (TI) CS5530A Datasheet HTML 240Page - National Semiconductor (TI) CS5530A Datasheet HTML 241Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 259 page
background image
Revision 1.1
237
www.national.com
5.0
Electrical Specifications
This section provides information on electrical connections,
absolute maximum ratings, recommended operating condi-
tions, and DC/AC characteristics for the Geode CS5530A.
All voltage values in the electrical specifications are with
respect to VSS unless otherwise noted.
For detailed information on the PCI bus electrical specifica-
tion refer to Chapter 4 of the PCI Bus Specification, Revi-
sion 2.1.
5.1
ELECTRICAL CONNECTIONS
5.1.1
Pull-Up Resistors
Table 5-1 lists the pins that are internally connected to a
20-kohm pull-up resistor. When unused, these inputs do
not require connection to an external pull-up resistor.
5.1.2
Unused Input Pins
All inputs not used by the system designer and not listed in
Table 5-1 should be kept at either VSS or VDD. To prevent
possible spurious operation, connect active-high inputs to
ground through a 20-kohm (±10%) pull-down resistor and
active-low inputs to VDD through a 20-kohm (±10%) pull-up
resistor.
5.1.3
NC-Designated Pins
Pins designated NC should be left disconnected. Connect-
inganNC pin toapull-up resistor,pull-down resistor, or an
active signal could cause unexpected results and possible
circuit malfunctions.
5.1.4
Power/Ground Connections and Decoupling
Testing and operating the CS5530A requires the use of
standard high frequency techniques to reduce parasitic
effects. Theseeffects canbeminimized by filteringthe DC
power leads with low-inductance decoupling capacitors,
using low-impedance wiring, and by using all of the VDD
and VSS pins.
5.2
ABSOLUTE MAXIMUM RATINGS
Table 5-2 lists absolute maximum ratings for the CS5530A.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond
these limits may (1) reduce device reliability and (2) result
in premature failure even when there is no immediately
apparent sign of failure. Prolonged exposure to conditions
at or near the absolute maximum ratings may also result in
reduced useful life and reliability These are stress ratings
only and do not imply that operation under any conditions
other than those listed under Table 5-3 is possible.
5.3
OPERATING CONDITIONS
Table 5-3 lists the recommended operating conditions for
the CS5530A.
Table5-1. Pinswith WeakInternalPull-Up
Signal Name
Type
Pin No.
IOR#
I/O
AE12
IOW#
I/O
AC11
MEMR#
I/O
AE19
MEMW#
I/O
AF20
SBHE#
I/O
AE17
SA[19:0]/
SD[19:0]
I/O
AD10, AE11, AF12, AD11,
AE25, AD24, AD22, AE21,
AF21, AC20, AD19, AF19,
AF4, AF5, AD5, AF6, AC6,
AD9, AE6, AD9
Table 5-2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Operating Case Temperature
0
110
°C
Power Applied
Storage Temperature
–65
150
°C
No Bias
Supply Voltage
4.0
V
Voltage On Any Pin
–0.5
5.5
V
Input Clamp Current, IIK
–0.5
10
mA
Power Applied
Output Clamp Current, IOK
25
mA
Power Applied
Table 5-3. Operating Conditions
Symbol
Parameter (Note 1)
Min
Max
Units
Comments
TC
Operating Case Temperature
0
85
°C
VDD
Supply Voltage
3.14
3.46
V
1.
For video interface specific parameters, refer to Table 5-17 "CRT, TFT/TV and MPEG Display Timing" on page 250.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com