Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 231Page - National Semiconductor (TI) CS5530A Datasheet HTML 232Page - National Semiconductor (TI) CS5530A Datasheet HTML 233Page - National Semiconductor (TI) CS5530A Datasheet HTML 234Page - National Semiconductor (TI) CS5530A Datasheet HTML 235Page - National Semiconductor (TI) CS5530A Datasheet HTML 236Page - National Semiconductor (TI) CS5530A Datasheet HTML 237Page - National Semiconductor (TI) CS5530A Datasheet HTML 238Page - National Semiconductor (TI) CS5530A Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 259 page
background image
Revision 1.1
235
www.national.com
Register Descriptions (Continued)
Table 4-39. Signature/Length Block for 0x43
Byte
Offset
Value
0
Signature: Always 0x00000070
4
Length: The length of the entire buffer including the signature block in bytes.
8
Reserved: Set to 0
12
Reserved: Set to 0
Table 4-40. I/O Block for 0x43
Byte
Offset
Description
0
BYTE: Operation Type.
1 = Read
2= Write
3 = Read/And/Or/Write
4 = Define index and data ports
In addition, values may be OR’ed in to the upper two bits of this byte to indicate that special functions are desired.
0x80 = Do not perform this operation (convert to NO-OP).
0x40 = This is an index operation.
1
BYTE: Reserved set to 0
2
BYTE: I/O Length - Determines whether a BYTE, WORD or DWORD operation is performed.
1 = BYTE operation
2 = WORD operation
3 = DWORD operation
If BYTE 0 is a 4, then this field is used to indicate the size of the index write.
3
BYTE: Reserved set to 0
4
DWORD: I/O Address - This is the address in the I/O space to be used. It is always a WORD value. If this is a define
index/data port operation, this DWORD contains the I/O address of the index port.
If this is an index operation, other than define, this DWORD contains the value to be written to the index port.
8
DWORD: I/O Data - The meaning depends on the operation type.
Read = This is where the data read from the I/O port will be placed.
Write = This is the data to write to the I/O port.
Read/AND/OR/Write = This is the data that will be ANDed with the data read from the I/O port.
Define index/data port - This DWORD contains the I/O address of the data port.
12
DWORD: OR Data - This field is only used in a Read/AND/OR/Write operation. It contains the data that will be OR’ed after
the data read was AND’ed with the previous field. After the OR is done, the data will be re-written to the I/O port.
Note: In all cases if the data called for is shorter than the field, the data will be stored or retrieved from the least significant portion of the
DWORD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com