Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 16Page - National Semiconductor (TI) PC87383 Datasheet HTML 17Page - National Semiconductor (TI) PC87383 Datasheet HTML 18Page - National Semiconductor (TI) PC87383 Datasheet HTML 19Page - National Semiconductor (TI) PC87383 Datasheet HTML 20Page - National Semiconductor (TI) PC87383 Datasheet HTML 21Page - National Semiconductor (TI) PC87383 Datasheet HTML 22Page - National Semiconductor (TI) PC87383 Datasheet HTML 23Page - National Semiconductor (TI) PC87383 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
20
Revision 1.1
3.2.2
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 8 shows the LDN val-
ues of the PC87383 functional blocks. Any value not listed is reserved.
Figure 4 shows the structure of the standard configuration register file. The LDN and PC87383 configuration registers are
not banked and are accessed by the Index-Data register pair only, as described in Section 3.2.1. However, the device control
and device configuration registers are duplicated over four banks for four logical devices. Therefore, accessing a specific
register in a specific bank is performed by two-dimensional indexing, where the LDN register selects the bank (or logical
device) and the Index register selects the register within the bank. Accessing the Data register while the Index register holds
a value of 30h or higher physically accesses the logical device configuration registers currently pointed to by the Index reg-
ister, within the logical device currently selected by the LDN register.
Figure 4. Structure of Standard Configuration Register File
Table 8. Logical Device Number (LDN) Assignments
Write accesses to unimplemented registers (i.e. accessing the Data register while the Index register points to a non-existing
register) are ignored; reads return 00h on all addresses, except 74h and 75h (DMA configuration registers), which return
04h (indicating no DMA channel is active). The configuration registers are accessible immediately after reset.
LDN
Functional Block
01h
Parallel Port (PP)
02h
Infrared (IR)
03h
Serial Port 1 (SP1)
07h
General-Purpose I/O (GPIO) Ports
07h
20h
30h
60h
75h
FFh
Logical Device Number Register
SuperI/O Configuration Registers
Logical Device Control Register
Standard Logical Device
Special (Vendor-defined)
Configuration Registers
Banks
2Fh
F0h
Bank Select
63h
74h
70h
71h
Configuration Registers
(One per logical device)
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com