Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 60Page - National Semiconductor (TI) PC87383 Datasheet HTML 61Page - National Semiconductor (TI) PC87383 Datasheet HTML 62Page - National Semiconductor (TI) PC87383 Datasheet HTML 63Page - National Semiconductor (TI) PC87383 Datasheet HTML 64Page - National Semiconductor (TI) PC87383 Datasheet HTML 65Page - National Semiconductor (TI) PC87383 Datasheet HTML 66Page - National Semiconductor (TI) PC87383 Datasheet HTML 67Page - National Semiconductor (TI) PC87383 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
7.0 Device Characteristics (Continued)
www.national.com
64
Revision 1.1
7.1.5
Voltage Thresholds
7.2
DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in Section 1.2 on page 9. The character-
istics describe the general I/O buffer types defined in Table 1 on page 9. For exceptions, refer to Section 7.2.7. The DC char-
acteristics of the system interface meet the PCI2.2 3.3V DC signaling.
7.2.1
Input, PCI 3.3V
Symbol: INPCI
7.2.2
Input, TTL Compatible
Symbol: INT
7.2.3
Input, TTL Compatible with Schmitt Trigger
Symbol: INTS
Symbol
Parameter1
1. All parameters specified for 0
°C
≤ T
A ≤ 70°C.
Min2
2. Not tested. Guaranteed by characterization.
Typ
Max2
Unit
VDDON
VDD Detected as Power-on
2.2
2.6
2.9
V
VDDOFF
VDD Detected as Power-off
2.1
2.5
2.8
V
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5VDD V
DD + 0.5
1
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
-0.51
0.3VDD
V
lIL
2
2. Input leakage currents include hi-Z output leakage for all bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < Vin <VDD
±1
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
VIN =VDD
1
µA
VIN =VSS
-1
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
-0.5 1
0.8
V
IIL
Input Leakage Current
VIN =VDD
1
µA
VIN =VSS
-1
µA
VH
Input Hysteresis
2502
2. Not tested. Guaranteed by characterization.
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com