Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 25Page - National Semiconductor (TI) PC87383 Datasheet HTML 26Page - National Semiconductor (TI) PC87383 Datasheet HTML 27Page - National Semiconductor (TI) PC87383 Datasheet HTML 28Page - National Semiconductor (TI) PC87383 Datasheet HTML 29Page - National Semiconductor (TI) PC87383 Datasheet HTML 30Page - National Semiconductor (TI) PC87383 Datasheet HTML 31Page - National Semiconductor (TI) PC87383 Datasheet HTML 32Page - National Semiconductor (TI) PC87383 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
29
www.national.com
3.7.3
SuperI/O Configuration 2 Register (SIOCF2)
This register is reset by hardware to 63h.
Location: Index 22h
Type:
R/W or RO
Note: During initialization, bits 6 and 4 must be initialized to 0 to allow correct operation of the chip.
Bit
7
6
5
4
3
2
1
0
Name
PPSEL
Reserved CLKRUNSEL Reserved
LPCPDSEL
Reserved
IRRX2SEL
SP1SEL
Reset
0
1
1
0
0
0
1
1
Bit
Description
7
PPSEL (Parallel Port Selection Control). Selects the functions connected to pins 28 and 30.
0: GPIO24, GPIO23 (default).
1: ACK, PD7.
6
Reserved.
5
CLKRUNSEL (CLKRUN Selection Control). Selects the functions connected to pin 27. This bit is reset on VDD
power-up only.
0: GPO22.
1: CLKRUN (default).
4
Reserved.
3
LPCPDSEL (LPCPD Selection Control). Selects the function connected to pin 29. This bit is reset on VDD
power-up only.
0: GPIO21 (default)
1: LPCPD
2
Reserved.
1
IRRX2SEL (IRRX2 Selection Control). Selects the function connected to pin 10.
0: GPIO17.
1: IRRX2_IRSL0 (default).
0
SP1SEL (Serial Port 1 Selection Control). Selects the function connected to pins 5, 3, 63, 62, 61, 60 and 59.
0: GPIO10-GPIO16.
1: RI1, DTR1_BOUT1, CTS1, SOUT1, RTS1, SIN1, DSR1, DCD1 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com