Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 8Page - National Semiconductor (TI) PC87383 Datasheet HTML 9Page - National Semiconductor (TI) PC87383 Datasheet HTML 10Page - National Semiconductor (TI) PC87383 Datasheet HTML 11Page - National Semiconductor (TI) PC87383 Datasheet HTML 12Page - National Semiconductor (TI) PC87383 Datasheet HTML 13Page - National Semiconductor (TI) PC87383 Datasheet HTML 14Page - National Semiconductor (TI) PC87383 Datasheet HTML 15Page - National Semiconductor (TI) PC87383 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
12
Revision 1.1
1.3.6
General-Purpose Input/Output (GPIO) Ports
1.3.7
Power and Ground
Signal
Pin(s)
I/O
Buffer Type
Description
GPIO00-07
15, 16,
19, 20,
21, 40,
7, 41
I/O
INTS/
OD6,O3/6
General-Purpose I/O Port 0, bits 0-7. Each pin is configured independent-
ly as input or I/O, with or without static pull-up, and with either open-drain or
push-pull output type. The port supports interrupt assertion, and each pin
can be enabled or masked as an interrupt source.
GPIO10-11,
GPIO14-17
5, 3,
61, 60,
59, 10
I/O
INTS/
OD6,O3/6
General-Purpose I/O Port 1, bits 0-1 and bits 4-7. Same as Port 0.
GPO12-13
63, 62
O
OD6,O3/6
General-Purpose Output Port 1, bits 2-3. Each pin is configured
independently with or without static pull-up, and with either open-drain or
push-pull output type.
GPIO20-21,
GPIO23-24
23, 29,
30, 28
I/O
INTS/
OD6,O3/6
General-Purpose I/O Port 2, Bits 0, 1, 3, 4. Same as Port 0, but without
interrupt support.
GPO22
27
O
OD6,O3/6
General-Purpose Output Port 2, bit 2. The pin is configured with or
without static pull-up, and with either open-drain or push-pull output type.
Signal
Pin(s)
I/O
Buffer Type
Description
VDD
11, 32
45
I
PWR
Main 3.3V Power Supply.
VSS
12, 31,
44
I
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com