Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 10Page - National Semiconductor (TI) PC87383 Datasheet HTML 11Page - National Semiconductor (TI) PC87383 Datasheet HTML 12Page - National Semiconductor (TI) PC87383 Datasheet HTML 13Page - National Semiconductor (TI) PC87383 Datasheet HTML 14Page - National Semiconductor (TI) PC87383 Datasheet HTML 15Page - National Semiconductor (TI) PC87383 Datasheet HTML 16Page - National Semiconductor (TI) PC87383 Datasheet HTML 17Page - National Semiconductor (TI) PC87383 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
14
Revision 1.1
1.4
INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 3 can optionally support internal pull-up (PU) and/or pull-down (PD) resistors. See Section 7.3 for
the values of each resistor type.
Table 3. Internal Pull-Up and Pull-Down Resistors
Signal
Pin(s)
Type
Comments
General-Purpose Input/Output (GPIO) Ports
GPIO00-07
15, 16, 19, 20,
21, 40, 7, 41
PU30
Programmable
GPIO10-11,
GPIO14-17
5, 3, 61, 60,
59, 10
PU30
Programmable
GPO12-13
63, 62
PU30
Programmable
GPIO21
29
PU80
Programmable
GPIO20,
GPIO23,
GPIO24
23,
30
PU30
Programmable
GPO22
27
PU80
Programmable
Strap Configuration and Testability
BADDR
4
PU30
Strap1
1. Active only during VDD Power-Up reset.
TEST
63
PU30
Strap1
TRIS
62
PU30
Strap1
Parallel Port
ACK
28
PU30
AFD_DSTRB
57
PU440
BUSY_WAIT
26
PD120
ERR
54
PU30
INIT
56
PU440
PE
25
PU220/
PD120
Programmable
SLCT
24
PD30
SLIN_ASTRB
55
PU80
STB_WRITE
14
PU440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com