Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 59Page - National Semiconductor (TI) PC87383 Datasheet HTML 60Page - National Semiconductor (TI) PC87383 Datasheet HTML 61Page - National Semiconductor (TI) PC87383 Datasheet HTML 62Page - National Semiconductor (TI) PC87383 Datasheet HTML 63Page - National Semiconductor (TI) PC87383 Datasheet HTML 64Page - National Semiconductor (TI) PC87383 Datasheet HTML 65Page - National Semiconductor (TI) PC87383 Datasheet HTML 66Page - National Semiconductor (TI) PC87383 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
Revision 1.1
63
www.national.com
7.0
Device Characteristics
7.1 GENERAL DC ELECTRICAL CHARACTERISTICS
7.1.1
Recommended Operating Conditions
7.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
7.1.3
Capacitance
7.1.4
Power Consumption under Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply Voltage
-0.5
+4.1
V
VI
Input Voltage
-0.5
VDD + 0.5
V
VI
Input Voltage
All other pins
-0.5
5.5
V
LPC pins1
1. LCLK, LAD3-0, LFRAME, LRESET, SERIRQ, LPCPD, LDRQ, CLKRUN.
-0.5
VDD + 0.5
V
VO
Output Voltage
-0.5
VDD + 0.5
V
TSTG
Storage Temperature
-65
+165
°C
PD
Power Dissipation
500
mW
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω2
2. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
Symbol
Parameter
Min2
Typ1
1. TA = 25°C, f = 1 MHz
Max2
2. Not tested. Guaranteed by design
Unit
CLCLK
LCLK Pin Capacitance
5
8
12
pF
CPIN
Other Pins Capacitance
8
10
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
VDD Average Main Supply Current
VIL = 0.5 V, VIH = 2.4 V
No Load
710
mA
IDDLP
VDD Quiescent Main Supply Current in
Low Power Mode
VIL =VSS,VIH =VDD
No Load
1
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com