Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 44Page - National Semiconductor (TI) PC87383 Datasheet HTML 45Page - National Semiconductor (TI) PC87383 Datasheet HTML 46Page - National Semiconductor (TI) PC87383 Datasheet HTML 47Page - National Semiconductor (TI) PC87383 Datasheet HTML 48Page - National Semiconductor (TI) PC87383 Datasheet HTML 49Page - National Semiconductor (TI) PC87383 Datasheet HTML 50Page - National Semiconductor (TI) PC87383 Datasheet HTML 51Page - National Semiconductor (TI) PC87383 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
www.national.com
48
Revision 1.1
6.0
Legacy Functional Blocks
This chapter briefly describes the following blocks, which provide legacy device functions:
q
Parallel Port (PP)
q
Serial Port 1 (SP1)
q
Infrared (IR)
The description of each Legacy block includes the sections listed below. For details on the general implementation of each
legacy block, see the SuperI/O Legacy Functional Blocks Datasheet.
q
General Description
q
Register Map table(s)
q
Bitmap table(s).
The register maps in this chapter use the following abbreviations for Type:
q R/W
= Read/Write
q R
= Read from a specific address returns the value of a specific register. Write to the same address is to a
different register.
q W
= Write
q RO
= Read Only
q R/W1C= Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com