Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 12Page - National Semiconductor (TI) PC87383 Datasheet HTML 13Page - National Semiconductor (TI) PC87383 Datasheet HTML 14Page - National Semiconductor (TI) PC87383 Datasheet HTML 15Page - National Semiconductor (TI) PC87383 Datasheet HTML 16Page - National Semiconductor (TI) PC87383 Datasheet HTML 17Page - National Semiconductor (TI) PC87383 Datasheet HTML 18Page - National Semiconductor (TI) PC87383 Datasheet HTML 19Page - National Semiconductor (TI) PC87383 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
2.0 Power, Reset and Clocks (Continued)
www.national.com
16
Revision 1.1
2.2
RESET SOURCES AND TYPES
The PC87383 has the following reset sources:
• V
DD Power-Up Reset - activated when VDD is powered up.
• Hardware Reset - activated when the LRESET input is asserted (low)
2.2.1
VDD Power-Up Reset
VDD Power-Up reset is generated by an internal circuit when VDD power is turned on. VDD Power-Up reset time (tIRST) lasts
until the LRESET signal is de-asserted. The Hardware reset (LRESET) must be asserted for a minimum of 10 ms to ensure
that the PC87383 operates correctly.
External devices must wait at least tIRST before accessing the PC87383. If the host processor accesses the PC87383 during
this time, the PC87383 LPC interface ignores the transaction (that is, it does not return a SYNC handshake).
VDD Power-Up reset performs the following actions:
• Puts pins with strap options into TRI-STATE and enables their internal pull-up resistors
• Samples the logic levels of the strap pins
• Executes all the actions performed by the Hardware reset; see Section 2.2.2
2.2.2
Hardware Reset
Hardware reset is activated by assertion of LRESET input while VDD is “good”. When VDD power is off, the PC87383 ignores
the level of the LRESET input. Hardware reset performs the following actions:
• Resets all lock bits in configuration registers
• Loads default values to all the bits in the Configuration Control.
• Resets all the logical devices.
• Loads default values to all the module registers.
2.3
CLOCK DOMAINS
The PC87383 has two clock domains, as shown in Table 4.
2.3.1
LPC Domain
The LPC clock signal at the LCLK pin must become valid before the end of the Hardware reset (LRESET) (see
Section 2.2.2). This clock can be slowed down or stopped using the CLKRUN protocol.
2.3.2
48 MHz Domain
The 48 MHz clock domain is sourced either by the on-chip Clock Generator or directly by the CLKIN input pin. The Clock
Generator is fed by applying a clock source at a frequency of 14.31818 MHz. The Clock Generator generates two internal
clocks, 24 MHz and 48 MHz. After power-up or Hardware reset, the clock (Clock Generator or external clock) is disabled.
Clock Generator Functional Description
The on-chip Clock Generator starts working when it is enabled by bit 7 of the CLOCKCF register, Index 29h, i.e., when the
bit value changes from 0 to 1 (only for 14.31818 MHz clock source). Once enabled, the output clock is frozen to a steady
logic level until the clock generator provides a stable output clock that meets all requirements. Then the clock starts toggling.
On Hardware reset, the chip wakes up with the on-chip Clock Generator disabled. The input clock of the Clock Generator
may toggle regardless of the state of the LRESET pin. The Clock Generator waits for a toggling input clock.
Table 4. Clock Domains of the PC87383
Clock
Domain
Frequency
Source
Usage
LPC
Up to 33 MHz
LPC clock input (LCLK)
LPC bus interface and Configuration Registers
48 MHz
48 MHz
On-chip Clock Generator or di-
rectly from Clock Input (CLKIN)
Legacy functions
(Serial Port, Parallel Port, Infrared)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com