Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 34Page - National Semiconductor (TI) PC87383 Datasheet HTML 35Page - National Semiconductor (TI) PC87383 Datasheet HTML 36Page - National Semiconductor (TI) PC87383 Datasheet HTML 37Page - National Semiconductor (TI) PC87383 Datasheet HTML 38Page - National Semiconductor (TI) PC87383 Datasheet HTML 39Page - National Semiconductor (TI) PC87383 Datasheet HTML 40Page - National Semiconductor (TI) PC87383 Datasheet HTML 41Page - National Semiconductor (TI) PC87383 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
38
Revision 1.1
3.11.4 GPIO Pin Select Register (GPSEL)
This register selects the GPIO pin (port number and bit number) to be configured (i.e., which register is accessed via the
GPIO Pin Configuration register). It is reset by hardware to 00h.
Location: Index F0h
Type:
R/W
3.11.5 GPIO Pin Configuration Register (GPCFG)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register (GPSEL). All
the GPIO Pin registers that are accessed via this register have a common bit structure, as shown below. This register is
reset by hardware to 44h for ports 0 and 1, and to 04h for port 2.
Location: Index F1h
Type:
Varies per bit
Port 0 and Port 1, bits 0, 1, 4, 5, 6, and 7 (with event detection capability)
Port 1, bits 2 and 3 (without event detection capability)
Port 2 (without event detection capability), bits 0-4
Bit
76543210
Name
Reserved
PORTSEL
Reserved
PINSEL
Reset
00000000
Bit
Description
7-6
Reserved.
5-4
PORTSEL (Port Select). These bits select the GPIO port to be configured:
Bits
5 4
GPIO Port
0 0:
Port 0 (default)
01:
Port1
10:
Port2
1 1:
Reserved
3
Reserved.
2-0
PINSEL (Pin Select). These bits select the GPIO pin to be configured in the selected port:
000, 001,... 111: Binary value of the pin number, 0, 1,... 7 respectively (default=0).
Only values that correspond to implemented GPIO pins are legal; for example, for GPIO11,
GPO13, and GPIO17, the value of GPIO11 (Port 1, bit 1) is ‘001’, the value of GPO13 (Port
1, bit 3) is ‘011’, and the value of GPIO17 (Port 1, bit 7) is ‘111’, and only these three values
would be legal.
Bit
76543210
Name
Reserved
EVDBNC
EVPOL
EVTYPE
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
01000100
Bit
76543210
Name
Reserved
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
01000100
Bit
76543210
Name
Reserved
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com