Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87383 Datasheet HTML 1Page - National Semiconductor (TI) PC87383 Datasheet HTML 2Page - National Semiconductor (TI) PC87383 Datasheet HTML 3Page - National Semiconductor (TI) PC87383 Datasheet HTML 4Page - National Semiconductor (TI) PC87383 Datasheet HTML 5Page - National Semiconductor (TI) PC87383 Datasheet HTML 6Page - National Semiconductor (TI) PC87383 Datasheet HTML 7Page - National Semiconductor (TI) PC87383 Datasheet HTML 8Page - National Semiconductor (TI) PC87383 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
www.national.com
4
Revision 1.1
Table of Contents
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAM ...........................................................................................................8
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY ...................................................................... 9
1.3
DETAILED SIGNAL/PIN DESCRIPTIONS ................................................................................ 10
1.3.1
LPC Bus Interface ....................................................................................................... 10
1.3.2
Clocks .......................................................................................................................... 10
1.3.3
Parallel Port
..............................................................................................................10
1.3.4
Infrared (IR) ................................................................................................................ 11
1.3.5
Serial Port (SP1) ..........................................................................................................11
1.3.6
General-Purpose Input/Output (GPIO) Ports ............................................................... 12
1.3.7
Power and Ground ..................................................................................................... 12
1.3.8
Strap Configuration ...................................................................................................... 13
1.3.9
Test and Miscellaneous ............................................................................................... 13
1.4
INTERNAL PULL-UP AND PULL-DOWN RESISTORS ............................................................ 14
2.0
Power, Reset and Clocks
2.1
POWER ..................................................................................................................................... 15
2.1.1
Power Planes .............................................................................................................. 15
2.1.2
Power States ...............................................................................................................15
2.1.3
Power Connection and Layout Guidelines .................................................................. 15
2.2
RESET SOURCES AND TYPES ............................................................................................... 16
2.2.1
VDD Power-Up Reset .................................................................................................. 16
2.2.2
Hardware Reset ........................................................................................................... 16
2.3
CLOCK DOMAINS ..................................................................................................................... 16
2.3.1
LPC Domain ................................................................................................................ 16
2.3.2
48 MHz Domain ........................................................................................................... 16
2.3.3
Chip Power-Up ............................................................................................................ 17
2.3.4
Specifications .............................................................................................................. 17
2.4
TESTABILITY SUPPORT ..........................................................................................................17
2.4.1
ICT ............................................................................................................................... 17
2.4.2
XOR Tree Testing ........................................................................................................ 17
2.4.3
Test Mode Entry Sequence ......................................................................................... 18
3.0
Device Architecture and Configuration
3.1
OVERVIEW ............................................................................................................................... 19
3.2
CONFIGURATION STRUCTURE AND ACCESS ..................................................................... 19
3.2.1
The Index-Data Register Pair ...................................................................................... 19
3.2.2
Banked Logical Device Registers Structure ................................................................ 20
3.2.3
Standard Configuration Register Definitions ............................................................... 21
3.2.4
Standard Configuration Registers ............................................................................... 23
3.2.5
Default Configuration Setup ........................................................................................ 24
3.3
MODULE CONTROL ................................................................................................................. 25
3.3.1
Module Enable/Disable ................................................................................................ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com