Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 69Page - National Semiconductor (TI) PC87383 Datasheet HTML 70Page - National Semiconductor (TI) PC87383 Datasheet HTML 71Page - National Semiconductor (TI) PC87383 Datasheet HTML 72Page - National Semiconductor (TI) PC87383 Datasheet HTML 73Page - National Semiconductor (TI) PC87383 Datasheet HTML 74Page - National Semiconductor (TI) PC87383 Datasheet HTML 75Page - National Semiconductor (TI) PC87383 Datasheet HTML 76Page - National Semiconductor (TI) PC87383 Datasheet HTML 77Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
7.0 Device Characteristics (Continued)
Revision 1.1
75
www.national.com
7.4.8
MIR and FIR Timing
Figure 17. MIR and FIR Timing
Symbol
Parameter
Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
Unit
tMPW
MIR Signal Pulse Width
Transmitter
tMWN -25
2
2. tMWN is the nominal pulse width for MIR mode. It is determined by the M_PWID field (bits 4-0) in the MIR_PW
register at offset 01h in bank 6.
tMWN + 25
nsec
Receiver
60
nsec
MDRT
MIR Transmitter Data Rate Tolerance
± 0.1%
tMJT
MIR Receiver Edge Jitter, % of Nominal Bit Duration
± 2.9%
tFPW
FIR Signal Pulse Width
Transmitter
120
130
nsec
Receiver
90
160
nsec
tFDPW
FIR Signal Double Pulse Width
Transmitter
245
255
nsec
Receiver
215
285
nsec
FDRT
FIR Transmitter Data Rate Tolerance
± 0.01%
tFJT
FIR Receiver Edge Jitter, % of Nominal Bit Duration
± 4.0%
tFPW
Data
MIR
FIR
Symbol
tFDPW
Chips
tMPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com