Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 61Page - National Semiconductor (TI) PC87383 Datasheet HTML 62Page - National Semiconductor (TI) PC87383 Datasheet HTML 63Page - National Semiconductor (TI) PC87383 Datasheet HTML 64Page - National Semiconductor (TI) PC87383 Datasheet HTML 65Page - National Semiconductor (TI) PC87383 Datasheet HTML 66Page - National Semiconductor (TI) PC87383 Datasheet HTML 67Page - National Semiconductor (TI) PC87383 Datasheet HTML 68Page - National Semiconductor (TI) PC87383 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
7.0 Device Characteristics (Continued)
Revision 1.1
65
www.national.com
7.2.4
Output, PCI 3.3V
Symbol: OPCI
7.2.5
Output, Push-Pull Buffer
Symbol: Op/n
Output, Push-Pull buffer that is capable of sourcing p mA and sinking n mA
7.2.6
Output, Open-Drain Buffer
Symbol: ODn
Output, Open-Drain output buffer, capable of sinking n mA. Output from these signals is open-drain and cannot be forced high.
7.2.7
Exceptions
1. All pins are 5V tolerant except for the pins with PCI (INPCI, OPCI) buffer types.
2. All pins are back-drive protected, except for the pins with PCI (INPCI, OPCI) buffer types.
3. The following pins have an internal static pull-up resistor (when enabled) and therefore may have leakage current from
VDD (when VIN = 0): GPIO00-07, GPIO10-11, GPO12-13, GPIO14-17, GPIO20-21, GPO22, GPIO23-24, ACK,
AFD_DSTRB, ERR, INIT, PE, SLIN_ASTRB, STB_WRITE.
4. The following pins have an internal static pull-down resistor (when enabled) and therefore may have leakage current to
VSS (when VIN = VDD): BUSY_WAIT, PE and SLCT.
5. The following strap pins have an internal static pull-up resistor enabled during VDD Power-Up Reset and therefore may
have leakage current to VDD (when VIN = 0): BADDR, TRIS, TEST.
6. Output from SLCT, BUSY_WAIT (and PE if bit 2 of PP Confg0 register is 0) is open-drain in all SPP modes except in
SPP-Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
7. Output from ACK, ERR (and PE if bit 2 of PP Confg0 register is set to 1) is open-drain in all SPP modes except in SPP-
Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is set to 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
8. Output from STB, AFD, INIT and SLIN is open-drain in all SPP modes, except in SPP-Compatible mode when the setup mode
is ECP-based (FIFO). Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
9. IOH is valid for a GPIO pin only when it is not configured as open-drain.
10. In XOR Tree mode, the buffer type of the input pins participating in the XOR Tree (Section 2.4.2 on page 17) is INT (In-
put, TTL compatible), regardless of the buffer type of these pins in normal device operation mode; see Section 1.3 on
page 5.
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = -500 µA
0.9VDD
V
VOL
Output Low Voltage
lout =1500 µA
0.1 VDD
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH =-p mA
2.4
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com