Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 63Page - National Semiconductor (TI) PC87383 Datasheet HTML 64Page - National Semiconductor (TI) PC87383 Datasheet HTML 65Page - National Semiconductor (TI) PC87383 Datasheet HTML 66Page - National Semiconductor (TI) PC87383 Datasheet HTML 67Page - National Semiconductor (TI) PC87383 Datasheet HTML 68Page - National Semiconductor (TI) PC87383 Datasheet HTML 69Page - National Semiconductor (TI) PC87383 Datasheet HTML 70Page - National Semiconductor (TI) PC87383 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
7.0 Device Characteristics (Continued)
Revision 1.1
67
www.national.com
7.3.1
Pull-Up Resistor
Symbol: PUnn
7.3.2
Pull-Down Resistor
Symbol: PDnn
7.4 AC ELECTRICAL CHARACTERISTICS
7.4.1
AC Test Conditions
Figure 16. AC Test Conditions, TA =0 °Cto70 °C, VDD = 3.3 V ±10%
Notes:
1. CL = 50 pF for all output pins; this value includes both jig and oscilloscope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VDD for high impedance to active low and active low to high impedance measurements.
S1 = GND for high impedance to active high and active high to high impedance measurements.
RL = 1.0 KΩ for all the pins.
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70°C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPU
Pull-up equivalent resistance
VPIN =0V
nn
−
30%
nn
nn + 30%
K
Ω
VPIN = 0.8 VSUP
3
nn
−
38%
K
Ω
VPIN = 0.17 VSUP
3
3. For strap pins only.
nn
−
35%
K
Ω
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70°C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPD
Pull-down equivalent resistance
VPIN =VSUP
nn
− 30%
nn
nn + 30%
K
Ω
Device
Under
Test
0.1
µF
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2)
AC Testing Input, Output Waveform
VDD
2.4
0.4
2.0
0.8
Test Points
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com