Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 69Page - National Semiconductor (TI) PC87383 Datasheet HTML 70Page - National Semiconductor (TI) PC87383 Datasheet HTML 71Page - National Semiconductor (TI) PC87383 Datasheet HTML 72Page - National Semiconductor (TI) PC87383 Datasheet HTML 73Page - National Semiconductor (TI) PC87383 Datasheet HTML 74Page - National Semiconductor (TI) PC87383 Datasheet HTML 75Page - National Semiconductor (TI) PC87383 Datasheet HTML 76Page - National Semiconductor (TI) PC87383 Datasheet HTML 77Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
7.0 Device Characteristics (Continued)
www.national.com
74
Revision 1.1
7.4.7
Serial Port, Sharp-IR, SIR and Consumer Remote Control Timing
Symbol
Parameter
Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
Unit
tBT
Single Bit Time in Serial Port and Sharp-IR
Transmitter
tBTN -25
2
2. tBTN is the nominal bit time in Serial Port, Sharp-IR, SIR and Consumer Remote Control modes. It is deter-
mined by the setting of the Baud Generator Divisor registers.
tBTN +25
ns
Receiver
tBTN -2%
tBTN +2%
ns
tCMW
Modulation Signal Pulse Width in Sharp-IR
and Consumer Remote Control
Transmitter
tCWN -25
3
3. tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control modes. It
is determined by the MCPW field (bits 7-5) of the IRTXMC register and the TXHSC bit (bit 2) of the RCCFG
register.
tCWN +25
ns
Receiver
500
ns
tCMP
Modulation Signal Period in Sharp-IR and
Consumer Remote Control
Transmitter
tCPN -25
4
4. tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It is
determined by the MCFR field (bits 4-0) of the IRTXMC register and the TXHSC bit (bit 2) of the RCCFG regis-
ter.
tCPN +25
ns
Receiver
tMMIN
5
5. tMMIN and tMMAX define the time range within which the period of the in-coming subcarrier signal must fall for
the signal to be accepted by the receiver. These time values are determined by the contents of the IRRXDC
register and the setting of the RXHSC bit (bit 5) of the RCCFG register.
tMMAX
5
ns
tSPW
SIR Signal Pulse Width
Transmitter,
Variable
(3/16)xtBTN -15
2
(3/16)xtBTN + 15
2
ns
Transmitter,
Fixed
1.48
1.78
µs
Receiver
1
µs
SDRT
SIR Data Rate Tolerance.
% of Nominal Data Rate.
Transmitter
± 0.87%
Receiver
± 2.0%
tSJT
SIR Leading Edge Jitter.
% of Nominal Bit Duration.
Transmitter
± 2.5%
Receiver
± 6.5%
Serial Port
tCMW
tCMP
Sharp-IR
Consumer Remote Control
tBT
SIR
tSPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com