Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 30Page - National Semiconductor (TI) PC87383 Datasheet HTML 31Page - National Semiconductor (TI) PC87383 Datasheet HTML 32Page - National Semiconductor (TI) PC87383 Datasheet HTML 33Page - National Semiconductor (TI) PC87383 Datasheet HTML 34Page - National Semiconductor (TI) PC87383 Datasheet HTML 35Page - National Semiconductor (TI) PC87383 Datasheet HTML 36Page - National Semiconductor (TI) PC87383 Datasheet HTML 37Page - National Semiconductor (TI) PC87383 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
34
Revision 1.1
3.9
INFRARED CONFIGURATION
3.9.1
Logical Device 2 (IR) Configuration
Table 17 lists the configuration registers that affect the Infrared. Only the last register (F0h) is described here. See Sections
3.2.3 and 3.2.4 for descriptions of the other registers.
Table 17. Infrared Configuration Registers
3.9.2
Infrared Configuration Register
This register is reset by hardware to 02h.
Location: Index F0h
Type:
R/W
Index
Configuration Register or Action
Type
Reset
30h Activate. See also bit 0 of the SIOCF1 register and bit 2 of the SIOCF6 register. R/W
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
02h
61h Base Address LSB register. Bit 2-0 (for A2-0) are read only, 000b.
R/W
F8h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
03h
71h Interrupt Type. Bit 1 is R/W; other bits are read only.
R/W
03h
74h DMA Channel Select 0 (RX_DMA)
R/W
04h
75h DMA Channel Select 1 (TX_DMA)
R/W
04h
F0h Infrared Configuration register
R/W
02h
Bit
76543210
Name
Bank
Select
Enable
Reserved
Busy
Indicator
Power
Mode
Control
TRI-STATE
Control
Reset
00000010
Bit
Description
7
Bank Select Enable. Enables bank switching for Infrared.
0: All attempts to access the extended registers in Infrared are ignored (default).
1: Enables bank switching for Infrared.
6-3
Reserved.
2
Busy Indicator. This read-only bit can be used by power management software to decide when to power down
the Infrared logical device.
0: No transfer in progress (default).
1: Transfer in progress.
1
Power Mode Control. When the logical device is active in:
0: Low power mode
Infrared clock disabled. The output signals are set to their default states. Registers are maintained (unlike
Active bit in Index 30, which also prevents access to Infrared registers).
1: Normal power mode
Infrared clock enabled. Infrared is functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
One exception is the IRTX pin, which is driven to 0 when Infrared is inactive and is not affected by this bit.
0: TRI-STATE disabled (default).
1: TRI-STATE enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com