Electronic Components Datasheet Search
  English  ▼

X  

PC87383 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 68Page - National Semiconductor (TI) PC87383 Datasheet HTML 69Page - National Semiconductor (TI) PC87383 Datasheet HTML 70Page - National Semiconductor (TI) PC87383 Datasheet HTML 71Page - National Semiconductor (TI) PC87383 Datasheet HTML 72Page - National Semiconductor (TI) PC87383 Datasheet HTML 73Page - National Semiconductor (TI) PC87383 Datasheet HTML 74Page - National Semiconductor (TI) PC87383 Datasheet HTML 75Page - National Semiconductor (TI) PC87383 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
7.0 Device Characteristics (Continued)
www.national.com
72
Revision 1.1
7.4.6
Parallel Port Timing
Standard Parallel Port Timing
Enhanced Parallel Port Timing
Symbol
Parameter
Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
Unit
tPDH
Port Data Hold
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
tPDS
Port Data Setup
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
tSW
Strobe Width
SPP Mode 0 and Mode 1, ECP Mode 0 and Mode1:
system dependent; ECP Mode 2: device dependent.
750
ns
Symbol
Parameter
Min1
1. Not tested. Guaranteed by characterization.
Max1
EPP 1.72
2. Also in ECP Mode 4
EPP 1.92
Unit
tWW19a
WRITE Active from WAIT Low
45
✔
ns
tWW19ia
WRITE Inactive from WAIT Low
45
✔
ns
tWST19a
DSTRB or ASTRB Active from WAIT Low
65
✔
ns
tWEST
DSTRB or ASTRB Active after WRITE Active
10
✔✔
ns
tWPDH
PD7
−0 Hold after WRITE Inactive
0
✔✔
ns
tWPDS
PD7
−0 Valid after WRITE Active
15
✔✔
ns
tEPDW
PD7
−0 Valid Width
80
✔✔
ns
tEPDH
PD7
−0 Hold after DSTRB or ASTRB Inactive
0
✔✔
ns
tPDS
tPDH
tSW
BUSY
ACK
PD7
−0
STB
WRITE
DSTRB
ASTRB
PD7
−0
WAIT
Valid
tWW19ia
tWPDH
tEPDH
tEPDW
or
tWW19a
tWST19a
tWPDS
tWEST
tWST19a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com