Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 16 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 16 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 12Page - Texas Instruments TDA2EX Datasheet HTML 13Page - Texas Instruments TDA2EX Datasheet HTML 14Page - Texas Instruments TDA2EX Datasheet HTML 15Page - Texas Instruments TDA2EX Datasheet HTML 16Page - Texas Instruments TDA2EX Datasheet HTML 17Page - Texas Instruments TDA2EX Datasheet HTML 18Page - Texas Instruments TDA2EX Datasheet HTML 19Page - Texas Instruments TDA2EX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
16
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
Y20
ddr1_vref0
ddr1_vref0
0
PWR
OFF
drive 1 (OFF)
1.35/1.5
vdds_ddr1
No
LVCMOS
DDR
AE18
ddr1_wen
ddr1_wen
0
O
PU
drive 1 (OFF)
1.35/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
C21
emu0
emu0
0
IO
PU
PU
0
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
gpio8_30
14
IO
C22
emu1
emu1
0
IO
PU
PU
0
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
gpio8_31
14
IO
E14
emu2
emu2
2
O
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
F14
emu3
emu3
2
O
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
F13
emu4
emu4
2
O
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
Y5
gpio6_10
gpio6_10
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual Voltage
LVCMOS
PU/PD
mdio_mclk
1
O
1
i2c3_sda
2
IO
1
usb3_ulpi_d7
3
IO
0
vin2b_hsync1
4
I
vin1a_clk0
9
I
0
ehrpwm2A
10
O
gpio6_10
14
IO
Driver off
15
I
Y6
gpio6_11
gpio6_11
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual Voltage
LVCMOS
PU/PD
mdio_d
1
IO
1
i2c3_scl
2
IO
1
usb3_ulpi_d6
3
IO
0
vin2b_vsync1
4
I
vin1a_de0
9
I
0
ehrpwm2B
10
O
gpio6_11
14
IO
Driver off
15
I
H21
gpio6_14
gpio6_14
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_axr8
1
IO
0
dcan2_tx
2
IO
1
uart10_rxd
3
I
1
i2c3_sda
9
IO
1
timer1
10
IO
gpio6_14
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com