Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 73 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 73 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 401 page
background image
73
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-14. Universal Serial Bus Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Serial Bus 1
usb1_dm
USB1 USB2.0 differential signal pair (negative)
IODS
AB7
usb1_dp
USB1 USB2.0 differential signal pair (positive)
IODS
AC6
usb1_drvvbus
USB1 Drive VBUS signal
O
AD3
usb_rxn0(1)
USB1 USB3.0 receiver negative lane
IDS
AE5
usb_rxp0(1)
USB1 USB3.0 receiver positive lane
IDS
AD6
usb_txn0(1)
USB1 USB3.0 transmitter negative lane
ODS
AE3
usb_txp0(1)
USB1 USB3.0 transmitter positive lane
ODS
AD4
Universal Serial Bus 2
usb2_dm
USB2 USB2.0 differential signal pair (negative)
IO
AC5
usb2_dp
USB2 USB2.0 differential signal pair (positive)
IO
AB6
usb2_drvvbus
USB2 Drive VBUS signal
O
AA6
Universal Serial Bus 3
usb3_ulpi_d0
USB3 - ULPI 8-bit data bus
IODS
R2, W2
usb3_ulpi_d1
USB3 - ULPI 8-bit data bus
IODS
AA3, R1
usb3_ulpi_d2
USB3 - ULPI 8-bit data bus
IO
AA2, N2
usb3_ulpi_d3
USB3 - ULPI 8-bit data bus
IO
P2, Y4
usb3_ulpi_d4
USB3 - ULPI 8-bit data bus
IO
N1, Y1
usb3_ulpi_d5
USB3 - ULPI 8-bit data bus
IO
P1, Y2
usb3_ulpi_d6
USB3 - ULPI 8-bit data bus
IO
N3, Y6
usb3_ulpi_d7
USB3 - ULPI 8-bit data bus
IO
N4, Y5
usb3_ulpi_nxt
USB3 - ULPI next
I
P3, Y3
usb3_ulpi_dir
USB3 - ULPI bus direction
I
AA1, P4
usb3_ulpi_stp
USB3 - ULPI stop
O
AA4, T5
usb3_ulpi_clk
USB3 - ULPI functional clock
I
AB1, T4
(1) Signals are enabled by selecting the correct field in the PCIE_B1C0_MODE_SEL register. There are no CTRL_CORE_PAD* register
involved.
4.3.14 PCIe
NOTE
For more information, see the Serial Communication Interfaces / PCIe Controllers and the
Shared PHY Component Subsystems / PCIe Shared PHY Susbsytem sections of the device
TRM.
Table 4-15. PCIe Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
pcie_rxn0
PCIe1_PHY_RX Receive Data Lane 0 (negative) - mapped to PCIe_SS1 only.
IDS
AE6
pcie_rxp0
PCIe1_PHY_RX Receive Data Lane 0 (positive) - mapped to PCIe_SS1 only.
IDS
AD7
pcie_txn0
PCIe1_PHY_TX Transmit Data Lane 0 (negative) - mapped to PCIe_SS1 only.
ODS
AE8
pcie_txp0
PCIe1_PHY_TX Transmit Data Lane 0 (positive) - mapped to PCIe_SS1 only.
ODS
AD9
pcie_rxn1
PCIe2_PHY_RX Receive Data Lane 1 (negative) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
IDS
AE5
pcie_rxp1
PCIe2_PHY_RX Receive Data Lane 1 (positive) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
IDS
AD6
pcie_txn1
PCIe2_PHY_TX Transmit Data Lane 1 (negative) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AE3
pcie_txp1
PCIe2_PHY_TX Transmit Data Lane 1 (positive) - mapped to either PCIe_SS1
(dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com