Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 84 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 84 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments TDA2EX Datasheet HTML 86Page - Texas Instruments TDA2EX Datasheet HTML 87Page - Texas Instruments TDA2EX Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 401 page
background image
84
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-22. Sysboot Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot15
Boot Mode Configuration 15. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B4
4.3.21.2 Power, Reset, and Clock Management (PRCM)
NOTE
For more information, see PRCM section of the device TRM.
Table 4-23. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout1
Device Clock output 1. Can be used externally for devices with non-
critical timing requirements, or for debug, or as a reference clock on
GPMC as described in Table 5-47 GPMC/NOR Flash Interface
Switching Characteristics - Synchronous Mode - Default and Table 5-
49 GPMC/NOR Flash Interface Switching Characteristics -
Synchronous Mode - Alternate.
O
K23, L4
clkout2
Device Clock output 2. Can be used externally for devices with non-
critical timing requirements, or for debug.
O
H5, J25
clkout3
Device Clock output 3. Can be used xternally for devices with non-
critical timing requirements, or for debug.
O
H25
porz
Power on Reset (active low) input must be asserted low during a
device power up sequence or cold reset state when all supplies are
disabled. Typically, an external PMIC is the source and sets porz
high after all supplies reach valid operating levels. Asserting porz low
puts the entire device in a safe reset state.
I
F19
resetn
Reset (active low) input’s falling edge can trigger a device warm reset
state from an external component. This signal should be high prior to
or simultaneous with, porz rising. If the signal is not used in the
system, resetn should be pulled high with an external pull-up resistor
to vddshv3.
I
K24
rstoutn
Reset out (Active low) output is asserted low whenever any global
reset condition exists. After a brief delay, it will be set high upon
removal of the internal global reset condition (i.e. porz, warm reset). It
is only functional after its output buffer’s reference voltage (vddshv3)
is valid. If it is used as a reset for device peripheral components, then
it should be AND gated with porz to avoid the possibility of reset
signal glitches during a power up sequence.(2)
O
E20
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input.
Functions as the input connection to a crystal when the internal
oscillator OSC0 is used. Functions as an LVCMOS-compatible input
clock when an external oscillator is used.
I
Y12
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input.
Functions as the input connection to a crystal when the internal
oscillator OSC1 is used. Functions as an LVCMOS-compatible input
clock when an external oscillator is used
I
AC11
xo_osc0
System Oscillator OSC0 Crystal output
O
AB12
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AA11
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
J25
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
J24
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
H24
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
H25
RMII_MHZ_50_CLK(1)
RMII Reference Clock (50MHz). This pin is an input when external
reference is used or output when internal reference is used.
IO
P5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com