Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 69 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 69 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 401 page
background image
69
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-10. UART Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
uart10_rtsn
UART10 request to send active low
O
A11, AB1
4.3.10 McSPI
NOTE
For more information, see the Serial Communication Interface / Multichannel Serial
Peripheral Interface (McSPI) section of the device TRM.
Table 4-11. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk(1)
SPI1 Clock
IO
C24
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
D24
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
D25
spi1_cs0
SPI1 Chip Select
IO
B24
spi1_cs1
SPI1 Chip Select
IO
C25
spi1_cs2
SPI1 Chip Select
IO
E24
spi1_cs3
SPI1 Chip Select
IO
E25
Serial Peripheral Interface 2
spi2_sclk(1)
SPI2 Clock
IO
G25
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
F25
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
G24
spi2_cs0
SPI2 Chip Select
IO
F24
spi2_cs1
SPI2 Chip Select
IO
C25
spi2_cs2
SPI2 Chip Select
IO
E24
spi2_cs3
SPI2 Chip Select
IO
E25
Serial Peripheral Interface 3
spi3_sclk(1)
SPI3 Clock
IO
A18, C23, N5, Y1
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
B17, B25, N6, Y4
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
A24, AA2, B16, T4
spi3_cs0
SPI3 Chip Select
IO
AA3, B18, D23, T5
spi3_cs1
SPI3 Chip Select
IO
A19, W2
Serial Peripheral Interface 4
spi4_sclk(1)
SPI4 Clock
IO
AC3, E8, K4, P4, Y3
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
AA1, B8, H1, P3, U6
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
AA4, AA5, C8, J2,
R2
spi4_cs0
SPI4 Chip Select
IO
AB1, AC4, B9, L3,
R1
spi4_cs1
SPI4 Chip Select
IO
G1, N6
spi4_cs2
SPI4 Chip Select
IO
H3, T4
spi4_cs3
SPI4 Chip Select
IO
H4, T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com