Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 86 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments TDA2EX Datasheet HTML 86Page - Texas Instruments TDA2EX Datasheet HTML 87Page - Texas Instruments TDA2EX Datasheet HTML 88Page - Texas Instruments TDA2EX Datasheet HTML 89Page - Texas Instruments TDA2EX Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 401 page
background image
86
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-26. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vss
Ground
GND
A1, A25, AA13, AA15,
AA7, AA8, AA9, AB8,
AC13, AE1, AE15,
AE25, G13, G16, G8,
H10, H12, H14, H16,
H18, H19, H8, J10,
J12, J14, J17, K11,
K13, K15, K17, K9,
L11, L13, L15, L18,
L8, M12, M14, M16,
M18, M20, M8, M9,
N12, N14, N16, N17,
N20, P11, P13, P15,
P17, P19, P9, R11,
R13, R15, R18, R19,
R8, R9, T10, T12,
T14, T16, T18, T8,
U10, U12, U14, U16,
U17, U19, V11, V13,
V15, V17, V19, V8,
V9, W19, W9, Y14,
Y16, Y17, Y7
cap_vbbldo_gpu (1)
MM (SGX) Back bias supply
CAP
T7
cap_vbbldo_iva (1)
IVA Back bias supply
CAP
G14
cap_vbbldo_mpu (1)
MPU back bias supply
CAP
F17
cap_vbbldo_dsp (1)
External capacitor connection for the DSP vbb ldo output
CAP
F8
cap_vddram_core1(1)
SRAM array supply for core memories
CAP
U20
cap_vddram_core3 (1)
SRAM array supply for core memories
CAP
K7
cap_vddram_core4 (1)
SRAM array supply for core memories
CAP
G19
cap_vddram_gpu (1)
SRAM array supply for SGX (MM) memories
CAP
V7
cap_vddram_iva (1)
SRAM array supply for IVA memories
CAP
G12
cap_vddram_dsp (1)
External capacitor connection for the DSP
CAP
L7
cap_vddram_mpu (1)
External capacitor connection for the MPU SRAM array ldo output
CAP
G18
vdda33v_usb1
HS USB1 3p3 supply
PWR
AA10
vdda33v_usb2
HS USB1 3p3 supply
PWR
Y10
vdda_core_gmac
DPLL_CORE and CORE HSDIVIDER analog power supply
PWR
L9
vdda_csi
CSI Interface 1.8v Supply
PWR
T6
vdda_dsp_iva
DSP PLL and IVA PLL analog power supply
PWR
K10, L10
vdda_mpu_abe
MPU_ABE PLL analog power supply
PWR
K16, L16
vdda_per
DPLL_ABE, DPLL_PER, and PER HSDIVIDER analog power supply
PWR
M10
vdda_usb2
HS USB2 1.8V analog power supply
PWR
Y8
vdds_mlbp
MLBP IO power supply
PWR
P7, R7
vdd_dsp
DSP voltage domain supply
PWR
H11, H13, H9, J11,
J13, J9
vdda_ddr
DDR PLL and DDR HSDIVIDER analog power supply
PWR
R20
vdda_debug
Debug PLL inside IOSC PLL supply
PWR
N10
vdda_gpu
GPU (SGX) PLL analog power supply
PWR
N9
vdda_hdmi
HDMI PLL and HDMI analog power supply
PWR
W15, Y15
vdda_osc
HFOSC - 1.8v vdds supply
PWR
W13, Y13
vdda_pcie
PCIe PLL analog power supply
PWR
W11, Y11
vdda_usb1
USB2 PLL analog power supply
PWR
W8
vdda_usb3
USB3 PLL analog power supply
PWR
Y9
vdda_video
VIDEO1 and VIDEO2 PLL analog power supply
PWR
K14, L14
vdds18v
1.8V bump added for atestv esd supply
PWR
G11, H20, W7, Y18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com