Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 63 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 63 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 59Page - Texas Instruments TDA2EX Datasheet HTML 60Page - Texas Instruments TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 401 page
background image
63
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-6. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_a14
EMIF1 Address Bus
O
AB15
ddr1_a15
EMIF1 Address Bus
O
AC16
ddr1_d0
EMIF1 Data Bus
IO
AA23
ddr1_d1
EMIF1 Data Bus
IO
AC24
ddr1_d2
EMIF1 Data Bus
IO
AB24
ddr1_d3
EMIF1 Data Bus
IO
AD24
ddr1_d4
EMIF1 Data Bus
IO
AB23
ddr1_d5
EMIF1 Data Bus
IO
AC23
ddr1_d6
EMIF1 Data Bus
IO
AD23
ddr1_d7
EMIF1 Data Bus
IO
AE24
ddr1_d8
EMIF1 Data Bus
IO
AA24
ddr1_d9
EMIF1 Data Bus
IO
W25
ddr1_d10
EMIF1 Data Bus
IO
Y23
ddr1_d11
EMIF1 Data Bus
IO
AD25
ddr1_d12
EMIF1 Data Bus
IO
AC25
ddr1_d13
EMIF1 Data Bus
IO
AB25
ddr1_d14
EMIF1 Data Bus
IO
AA25
ddr1_d15
EMIF1 Data Bus
IO
W24
ddr1_d16
EMIF1 Data Bus
IO
W23
ddr1_d17
EMIF1 Data Bus
IO
U25
ddr1_d18
EMIF1 Data Bus
IO
U24
ddr1_d19
EMIF1 Data Bus
IO
W21
ddr1_d20
EMIF1 Data Bus
IO
T22
ddr1_d21
EMIF1 Data Bus
IO
U22
ddr1_d22
EMIF1 Data Bus
IO
U23
ddr1_d23
EMIF1 Data Bus
IO
T21
ddr1_d24
EMIF1 Data Bus
IO
T23
ddr1_d25
EMIF1 Data Bus
IO
T25
ddr1_d26
EMIF1 Data Bus
IO
T24
ddr1_d27
EMIF1 Data Bus
IO
P21
ddr1_d28
EMIF1 Data Bus
IO
N21
ddr1_d29
EMIF1 Data Bus
IO
P22
ddr1_d30
EMIF1 Data Bus
IO
P23
ddr1_d31
EMIF1 Data Bus
IO
P24
ddr1_dqm0
EMIF1 Data Mask
O
AE23
ddr1_dqm1
EMIF1 Data Mask
O
W22
ddr1_dqm2
EMIF1 Data Mask
O
U21
ddr1_dqm3
EMIF1 Data Mask
O
P25
ddr1_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AD22
ddr1_dqsn0
Data strobe 0 invert
IO
AE22
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
Y24
ddr1_dqsn1
Data strobe 1 invert
IO
Y25
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
V24
ddr1_dqsn2
Data strobe 2 invert
IO
V25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com