Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 83 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 83 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments TDA2EX Datasheet HTML 86Page - Texas Instruments TDA2EX Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 401 page
background image
83
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-21. Debug Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
emu9
Emulator pin 9
O
B8
emu10
Emulator pin 10
O
C8
emu11
Emulator pin 11
O
B9
emu12
Emulator pin 12
O
A7
emu13
Emulator pin 13
O
A9
emu14
Emulator pin 14
O
A8
emu15
Emulator pin 15
O
A11
emu16
Emulator pin 16
O
F10
emu17
Emulator pin 17
O
A10
emu18
Emulator pin 18
O
B10
emu19
Emulator pin 19
O
E10
4.3.21 System and Miscellaneous
4.3.21.1 Sysboot
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.
Table 4-22. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
F1
sysboot1
Boot Mode Configuration 1. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
E2
sysboot2
Boot Mode Configuration 2. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
E1
sysboot3
Boot Mode Configuration 3. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C1
sysboot4
Boot Mode Configuration 4. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
D1
sysboot5
Boot Mode Configuration 5. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
D2
sysboot6
Boot Mode Configuration 6. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B1
sysboot7
Boot Mode Configuration 7. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B2
sysboot8
Boot Mode Configuration 8. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C2
sysboot9
Boot Mode Configuration 9. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
D3
sysboot10
Boot Mode Configuration 10. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A2
sysboot11
Boot Mode Configuration 11. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B3
sysboot12
Boot Mode Configuration 12. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C3
sysboot13
Boot Mode Configuration 13. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C4
sysboot14
Boot Mode Configuration 14. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com