Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 70 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 70 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 401 page
background image
70
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.3.11 QSPI
NOTE
For more information about UART booting, see the Initialization / Device Initialization by
ROM Code / Memory Booting / SPI/QSPI Flash Devices section of the device TRM.
Table 4-12. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
IO
F2
qspi1_rtclk
QSPI1 Return Clock Input. Must be connected from QSPI1_SCLK on PCB. Refer
to PCB Guidelines for QSPI1
I
H3
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual read
and quad read modes it becomes input data pin during read phase.
IO
K5
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
IO
G2
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin during
read phase
IO
K6
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin during
read phase
IO
H4
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes.
IO
G4
qspi1_cs1
QSPI1 Chip Select[1]
O
G3
qspi1_cs2
QSPI1 Chip Select[2]
O
L1
qspi1_cs3
QSPI1 Chip Select[3]
O
K3
4.3.12 McASP
NOTE
For more information, see the Serial Communication Interface / Multichannel Audio Serial
Port (McASP) section of the device TRM.
Table 4-13. McASP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 1
mcasp1_axr0
McASP1 Transmit/Receive Data
IO
D14
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
B14
mcasp1_axr2
McASP1 Transmit/Receive Data
IO
C14
mcasp1_axr3
McASP1 Transmit/Receive Data
IO
B15
mcasp1_axr4
McASP1 Transmit/Receive Data
IO
A15, J25
mcasp1_axr5
McASP1 Transmit/Receive Data
IO
A14, J24
mcasp1_axr6
McASP1 Transmit/Receive Data
IO
A17, H24
mcasp1_axr7
McASP1 Transmit/Receive Data
IO
A16, H25
mcasp1_axr8
McASP1 Transmit/Receive Data
IO
A18, H21
mcasp1_axr9
McASP1 Transmit/Receive Data
IO
B17, K22
mcasp1_axr10
McASP1 Transmit/Receive Data
IO
B16, K23
mcasp1_axr11
McASP1 Transmit/Receive Data
IO
B18
mcasp1_axr12
McASP1 Transmit/Receive Data
IO
A19
mcasp1_axr13
McASP1 Transmit/Receive Data
IO
E17
mcasp1_axr14
McASP1 Transmit/Receive Data
IO
E16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com