Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 77 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 77 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 401 page
background image
77
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-18. eMMC/SD/SDIO Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mmc3_dat7
MMC3 data bit 7
IO
AB1
mmc3_sdcd
MMC3 Card Detect
I
E24
mmc3_sdwp
MMC3 Write Protect
I
E25
Multi Media Card 4
mmc4_clk(1)
MMC4 clock
IO
L20
mmc4_cmd
MMC4 command
IO
M24
mmc4_sdcd
MMC4 Card Detect
I
L25
mmc4_sdwp
MMC4 Write Protect
I
M25
mmc4_dat0
MMC4 data bit 0
IO
N23
mmc4_dat1
MMC4 data bit 1
IO
N25
mmc4_dat2
MMC4 data bit 2
IO
N22
mmc4_dat3
MMC4 data bit 3
IO
N24
(1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer
to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal
loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as
close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad
loopback clock pin between VIH and VIL must be less than VHYS.
4.3.18 GPIO
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
Table 4-19. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
gpio1_0
General-Purpose Input
I
AC10
gpio1_3
General-Purpose Input
I
AB10
gpio1_4
General-Purpose Input/Output
IO
B20
gpio1_5
General-Purpose Input/Output
IO
C20
gpio1_6
General-Purpose Input/Output
IO
F1
gpio1_7
General-Purpose Input/Output
IO
E2
gpio1_8
General-Purpose Input/Output
IO
E1
gpio1_9
General-Purpose Input/Output
IO
C1
gpio1_10
General-Purpose Input/Output
IO
D1
gpio1_11
General-Purpose Input/Output
IO
D2
gpio1_12
General-Purpose Input/Output
IO
B1
gpio1_13
General-Purpose Input/Output
IO
B2
gpio1_14
General-Purpose Input/Output
IO
H22
gpio1_15
General-Purpose Input/Output
IO
H23
gpio1_16
General-Purpose Input/Output
IO
N22
gpio1_17
General-Purpose Input/Output
IO
N24
gpio1_18
General-Purpose Input/Output
IO
C3
gpio1_19
General-Purpose Input/Output
IO
C4
gpio1_20
General-Purpose Input/Output
IO
A3
gpio1_21
General-Purpose Input/Output
IO
B4
gpio1_22
General-Purpose Input/Output
IO
Y3
gpio1_23
General-Purpose Input/Output
IO
AA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com