Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 79 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 79 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 401 page
background image
79
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-19. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio4_2
General-Purpose Input/Output
IO
B9
gpio4_3
General-Purpose Input/Output
IO
A7
gpio4_4
General-Purpose Input/Output
IO
A9
gpio4_5
General-Purpose Input/Output
IO
A8
gpio4_6
General-Purpose Input/Output
IO
A11
gpio4_7
General-Purpose Input/Output
IO
F10
gpio4_8
General-Purpose Input/Output
IO
A10
gpio4_9
General-Purpose Input/Output
IO
B10
gpio4_10
General-Purpose Input/Output
IO
E10
gpio4_11
General-Purpose Input/Output
IO
D10
gpio4_12
General-Purpose Input/Output
IO
C10
gpio4_13
General-Purpose Input/Output
IO
B11
gpio4_14
General-Purpose Input/Output
IO
D11
gpio4_15
General-Purpose Input/Output
IO
C11
gpio4_16
General-Purpose Input/Output
IO
B12
gpio4_17
General-Purpose Input/Output
IO
B18
gpio4_18
General-Purpose Input/Output
IO
A19
gpio4_24
General-Purpose Input/Output
IO
A12
gpio4_25
General-Purpose Input/Output
IO
A13
gpio4_26
General-Purpose Input/Output
IO
E11
gpio4_27
General-Purpose Input/Output
IO
F11
gpio4_28
General-Purpose Input/Output
IO
B13
gpio4_29
General-Purpose Input/Output
IO
E13
gpio4_30
General-Purpose Input/Output
IO
C13
gpio4_31
General-Purpose Input/Output
IO
D13
GPIO 5
gpio5_0
General-Purpose Input/Output
IO
D16
gpio5_1
General-Purpose Input/Output
IO
D17
gpio5_2
General-Purpose Input/Output
IO
D14
gpio5_3
General-Purpose Input/Output
IO
B14
gpio5_4
General-Purpose Input/Output
IO
C14
gpio5_5
General-Purpose Input/Output
IO
B15
gpio5_6
General-Purpose Input/Output
IO
A15
gpio5_7
General-Purpose Input/Output
IO
A14
gpio5_8
General-Purpose Input/Output
IO
A17
gpio5_9
General-Purpose Input/Output
IO
A16
gpio5_10
General-Purpose Input/Output
IO
A18
gpio5_11
General-Purpose Input/Output
IO
B17
gpio5_12
General-Purpose Input/Output
IO
B16
gpio5_13
General-Purpose Input/Output
IO
A22
gpio5_14
General-Purpose Input/Output
IO
A23
gpio5_15
General-Purpose Input/Output
IO
L5
gpio5_16
General-Purpose Input/Output
IO
L6
gpio5_17
General-Purpose Input/Output
IO
P5
gpio5_18
General-Purpose Input/Output
IO
N5
gpio5_19
General-Purpose Input/Output
IO
N6
gpio5_20
General-Purpose Input/Output
IO
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com