Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 41 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 41 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 37Page - Texas Instruments TDA2EX Datasheet HTML 38Page - Texas Instruments TDA2EX Datasheet HTML 39Page - Texas Instruments TDA2EX Datasheet HTML 40Page - Texas Instruments TDA2EX Datasheet HTML 41Page - Texas Instruments TDA2EX Datasheet HTML 42Page - Texas Instruments TDA2EX Datasheet HTML 43Page - Texas Instruments TDA2EX Datasheet HTML 44Page - Texas Instruments TDA2EX Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
41
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
P4
rgmii0_txd3
rgmii0_txd3
0
O
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual Voltage
LVCMOS
PU/PD
rmii0_crs
1
I
0
mii0_crs
3
I
0
vin2a_de0
4
I
vin1b_de1
5
I
0
usb3_ulpi_dir
6
I
0
spi4_sclk
7
IO
0
uart4_rxd
8
I
1
gpio5_22
14
IO
Driver off
15
I
P5
RMII_MHZ_50_CLK
RMII_MHZ_50_CLK
0
IO
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual Voltage
LVCMOS
PU/PD
0
vin2a_d11
4
I
0
gpio5_17
14
IO
Driver off
15
I
E20
rstoutn
rstoutn
0
O
PD
PD
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
K25
rtck
rtck
0
O
PU
OFF
0
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
gpio8_29
14
IO
B24
spi1_cs0
spi1_cs0
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
1
gpio7_10
14
IO
Driver off
15
I
C25
spi1_cs1
spi1_cs1
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
1
spi2_cs1
3
IO
1
gpio7_11
14
IO
Driver off
15
I
E24
spi1_cs2
spi1_cs2
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
1
uart4_rxd
1
I
1
mmc3_sdcd
2
I
1
spi2_cs2
3
IO
1
dcan2_tx
4
IO
1
mdio_mclk
5
O
1
hdmi1_hpd
6
IO
gpio7_12
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com