Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 11 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments TDA2EX Datasheet HTML 10Page - Texas Instruments TDA2EX Datasheet HTML 11Page - Texas Instruments TDA2EX Datasheet HTML 12Page - Texas Instruments TDA2EX Datasheet HTML 13Page - Texas Instruments TDA2EX Datasheet HTML 14Page - Texas Instruments TDA2EX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 401 page
background image
11
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
NOTE
Some of the EMIF1 signals have an additional state change at the release of porz. The state
that the signals change to at the release of porz is as follows:
drive 0 (OFF) for: ddr1_ck, ddr1_odt[0], ddr1_rst.
drive 1 (OFF) for: ddr1_casn, ddr1_rasn, ddr1_wen, ddr1_nck, ddr1_ba[2:0], ddr1_a[15:0],
ddr1_csn[0], ddr1_cke, ddr1_dqm[3:0]
NOTE
Dual rank support is not available on this device, but signal names are retained for
consistency with the TDA2xx family of devices
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com