Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 27 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 27 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 23Page - Texas Instruments TDA2EX Datasheet HTML 24Page - Texas Instruments TDA2EX Datasheet HTML 25Page - Texas Instruments TDA2EX Datasheet HTML 26Page - Texas Instruments TDA2EX Datasheet HTML 27Page - Texas Instruments TDA2EX Datasheet HTML 28Page - Texas Instruments TDA2EX Datasheet HTML 29Page - Texas Instruments TDA2EX Datasheet HTML 30Page - Texas Instruments TDA2EX Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
27
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
G3
gpmc_cs3
gpmc_cs3
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
qspi1_cs1
1
O
1
vin1a_clk0
2
I
0
vout3_clk
3
O
gpmc_a1
5
O
gpio2_21
gpmc_a24
gpmc_a14
14
IO
Driver off
15
I
G5
gpmc_oen_ren
gpmc_oen_ren
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
gpio2_24
14
IO
Driver off
15
I
F6
gpmc_wait0
gpmc_wait0
0
I
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
1
gpio2_28
gpmc_a25
gpmc_a15
14
IO
Driver off
15
I
G6
gpmc_wen
gpmc_wen
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
gpio2_25
14
IO
Driver off
15
I
AE9
hdmi1_clockx
hdmi1_clockx
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AD10
hdmi1_clocky
hdmi1_clocky
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AE11
hdmi1_data0x
hdmi1_data0x
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AD12
hdmi1_data0y
hdmi1_data0y
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AE12
hdmi1_data1x
hdmi1_data1x
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AD13
hdmi1_data1y
hdmi1_data1y
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AE14
hdmi1_data2x
hdmi1_data2x
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
AD15
hdmi1_data2y
hdmi1_data2y
0
O
1.8
vdda_hdmi
HDMIPHY
Pdy
G22
i2c1_scl
i2c1_scl
0
IO
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS I2C
PU/PD
Driver off
15
I
G23
i2c1_sda
i2c1_sda
0
IO
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS I2C
PU/PD
Driver off
15
I
G21
i2c2_scl
i2c2_scl
0
IO
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS I2C
PU/PD
1
hdmi1_ddc_sda
1
IO
Driver off
15
I
F23
i2c2_sda
i2c2_sda
0
IO
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS I2C
PU/PD
1
hdmi1_ddc_scl
1
IO
Driver off
15
I
AB9
ljcb_clkn
ljcb_clkn
0
IO
1.8
vdda_pcie
LJCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com