Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 1 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 1 Page - Texas Instruments

  TDA2EX Datasheet HTML 1Page - Texas Instruments TDA2EX Datasheet HTML 2Page - Texas Instruments TDA2EX Datasheet HTML 3Page - Texas Instruments TDA2EX Datasheet HTML 4Page - Texas Instruments TDA2EX Datasheet HTML 5Page - Texas Instruments TDA2EX Datasheet HTML 6Page - Texas Instruments TDA2EX Datasheet HTML 7Page - Texas Instruments TDA2EX Datasheet HTML 8Page - Texas Instruments TDA2EX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 401 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
TDA2Ex SoC for Advanced Driver Assistance Systems (ADAS)
17mm Package (CBD Package)
1
Device Overview
1
1.1
Features
1
• Architecture Designed for ADAS Applications
• Video, Image, and Graphics Processing Support
– Full-HD Video (1920 × 1080p, 60 fps)
– Multiple Video Input and Video Output
• Arm® Cortex®-A15 Microprocessor Subsystem
• C66x Floating-Point VLIW DSP
– Fully Object-Code Compatible With C67x and
C64x+
– Up to Thirty-two 16 × 16-Bit Fixed-Point
Multiplies per Cycle
• Up to 512KB of On-Chip L3 RAM
• Level 3 (L3) and Level 4 (L4) Interconnects
• DDR3/DDR3L Memory Interface (EMIF) Module
– Supports up to DDR-1333 (667 MHz)
– Up to 2GB Across Single Chip Select
• Dual Arm® Cortex®-M4 Image Processing Units
(IPU)
• IVA-HD Subsystem
• Display Subsystem
– Display Controller With DMA Engine and Up to
Three Pipelines
– HDMI™ Encoder: HDMI 1.4a and DVI 1.0
Compliant
• Single-Core PowerVR® SGX544 3D GPU
• 2D-Graphics Accelerator (BB2D) Subsystem
– Vivante® GC320 Core
• Video Processing Engine (VPE)
• One Video Input Port (VIP) Module
– Support for up to Four Multiplexed Input Ports
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA)
Controller
• 2-Port Gigabit Ethernet (GMAC)
– Up to Two External Ports, One Internal
• Sixteen 32-Bit General-Purpose Timers
• 32-Bit MPU Watchdog Timer
• Six High-Speed Inter-Integrated Circuit (I2C) Ports
• Ten Configurable UART/IrDA/CIR Modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI Interface (QSPI)
• Eight Multichannel Audio Serial Port (McASP)
Modules
• SuperSpeed USB 3.0 Dual-Role Device
• High-Speed USB 2.0 Dual-Role Device
• High-Speed USB 2.0 On-The-Go
• Four MultiMedia Card/Secure Digital/Secure Digital
Input Output Interfaces ( MMC™/ SD®/SDIO)
• PCI Express® 3.0 Port With Integrated PHY
– One 2-lane Gen2-Compliant Port
– or Two 1-lane Gen2-Compliant Ports
• Dual Controller Area Network (DCAN) Modules
– CAN 2.0B Protocol
• MIPI® CSI-2 Camera Serial Interface
• Up to 186 General-Purpose I/O (GPIO) Pins
• Device Security Features
– Hardware Crypto Accelerators and DMA
– Firewalls
– JTAG Lock
– Secure Keys
– Secure ROM and Boot
– Customer Programmable Keys
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• 28-nm CMOS Technology
• 17 mm × 17 mm, 0.65-mm Pitch, 538-Pin BGA
(CBD)


Similar Part No. - TDA2EX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EX TI1-TDA2EX Datasheet
4Mb / 391P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
More results

Similar Description - TDA2EX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3 TI1-TDA3 Datasheet
93Kb / 6P
TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com