Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 56 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 56 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 52Page - Texas Instruments TDA2EX Datasheet HTML 53Page - Texas Instruments TDA2EX Datasheet HTML 54Page - Texas Instruments TDA2EX Datasheet HTML 55Page - Texas Instruments TDA2EX Datasheet HTML 56Page - Texas Instruments TDA2EX Datasheet HTML 57Page - Texas Instruments TDA2EX Datasheet HTML 58Page - Texas Instruments TDA2EX Datasheet HTML 59Page - Texas Instruments TDA2EX Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
56
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
4.3
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-1 and Table 4-27.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of the device TRM.
4.3.1
VIP
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
Table 4-2. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input.Input clock for 8-bit 16-bit or 24-bit Port A video capture. Input data is sampled on
the CLK0 edge.
I
G3, J24, Y5
vin1a_d0
Video Input 1 Port A Data input
I
AA1, B23, F1, J25
vin1a_d1
Video Input 1 Port A Data input
I
B22, E2, Y3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com