Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 53 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 53 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 49Page - Texas Instruments TDA2EX Datasheet HTML 50Page - Texas Instruments TDA2EX Datasheet HTML 51Page - Texas Instruments TDA2EX Datasheet HTML 52Page - Texas Instruments TDA2EX Datasheet HTML 53Page - Texas Instruments TDA2EX Datasheet HTML 54Page - Texas Instruments TDA2EX Datasheet HTML 55Page - Texas Instruments TDA2EX Datasheet HTML 56Page - Texas Instruments TDA2EX Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
53
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
B8
vin2a_vsync0
vin2a_vsync0
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
vin2b_vsync1
3
I
vout2_vsync
4
O
emu9
5
O
uart9_txd
7
O
spi4_d1
8
IO
0
ehrpwm1A
10
O
gpio4_0
14
IO
Driver off
15
I
A1, A25, AA13,
AA15, AA7, AA8,
AA9, AB8, AC13,
AE1, AE15, AE25,
G13, G16, G8, H10,
H12, H14, H16, H18,
H19, H8, J10, J12,
J14, J17, K11, K13,
K15, K17, K9, L11,
L13, L15, L18, L8,
M12, M14, M16,
M18, M20, M8, M9,
N12, N14, N16, N17,
N20, P11, P13, P15,
P17, P19, P9, R11,
R13, R15, R18, R19,
R8, R9, T10, T12,
T14, T16, T18, T8,
U10, U12, U14, U16,
U17, U19, V11, V13,
V15, V17, V19, V8,
V9, W19, W9, Y14,
Y16, Y17, Y7
vss
vss
GND
AA12
vssa_osc0
vssa_osc0
GND
AB11
vssa_osc1
vssa_osc1
GND
AC10
Wakeup0
dcan1_rx
1
I
15
1.8/3.3
vdda33v_usb
1
Yes
IHHV1833
PU/PD
1
gpio1_0
sys_nirq2
14
I
Driver off
15
I
AB10
Wakeup3
sys_nirq1
1
I
15
1.8/3.3
vdda33v_usb
1
Yes
IHHV1833
PU/PD
gpio1_3
dcan2_rx
14
I
Driver off
15
I
Y12
xi_osc0
xi_osc0
0
I
1.8
vdda_osc
No
LVCMOS
Analog
AC11
xi_osc1
xi_osc1
0
I
1.8
vdda_osc
No
LVCMOS
Analog
AB12
xo_osc0
xo_osc0
0
O
1.8
vdda_osc
No
LVCMOS
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com