Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 25 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 25 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 21Page - Texas Instruments TDA2EX Datasheet HTML 22Page - Texas Instruments TDA2EX Datasheet HTML 23Page - Texas Instruments TDA2EX Datasheet HTML 24Page - Texas Instruments TDA2EX Datasheet HTML 25Page - Texas Instruments TDA2EX Datasheet HTML 26Page - Texas Instruments TDA2EX Datasheet HTML 27Page - Texas Instruments TDA2EX Datasheet HTML 28Page - Texas Instruments TDA2EX Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 401 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2E-17
25
TDA2E-17
www.ti.com
SPRS969E – AUGUST 2016 – REVISED JULY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
A3
gpmc_ad14
gpmc_ad14
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
0
vin1a_d14
2
I
0
vout3_d14
3
O
gpio1_20
14
IO
sysboot14
15
I
B4
gpmc_ad15
gpmc_ad15
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
0
vin1a_d15
2
I
0
vout3_d15
3
O
gpio1_21
14
IO
sysboot15
15
I
H5
gpmc_advn_ale
gpmc_advn_ale
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
gpmc_cs6
1
O
clkout2
2
O
gpmc_wait1
3
I
1
gpmc_a2
5
O
gpmc_a23
6
O
timer3
7
IO
i2c3_sda
8
IO
1
dma_evt2
9
I
0
gpio2_23
gpmc_a19
14
IO
Driver off
15
I
H2
gpmc_ben0
gpmc_ben0
0
O
PU
PU
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
gpmc_cs4
1
O
vin2b_de1
6
I
timer2
7
IO
dma_evt3
9
I
0
gpio2_26
gpmc_a21
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com