Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 60 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 60 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 56Page - Texas Instruments TDA2EX Datasheet HTML 57Page - Texas Instruments TDA2EX Datasheet HTML 58Page - Texas Instruments TDA2EX Datasheet HTML 59Page - Texas Instruments TDA2EX Datasheet HTML 60Page - Texas Instruments TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 401 page
background image
60
TDA2E-17
SPRS969E – AUGUST 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2E-17
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
4.3.2
DSS
Table 4-3. DSS Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DPI Video Output 2
vout2_clk
Video Output 2 Clock output
O
C7
vout2_d0
Video Output 2 Data output
O
D13
vout2_d1
Video Output 2 Data output
O
C13
vout2_d2
Video Output 2 Data output
O
E13
vout2_d3
Video Output 2 Data output
O
B13
vout2_d4
Video Output 2 Data output
O
F11
vout2_d5
Video Output 2 Data output
O
E11
vout2_d6
Video Output 2 Data output
O
A13
vout2_d7
Video Output 2 Data output
O
A12
vout2_d8
Video Output 2 Data output
O
B12
vout2_d9
Video Output 2 Data output
O
C11
vout2_d10
Video Output 2 Data output
O
D11
vout2_d11
Video Output 2 Data output
O
B11
vout2_d12
Video Output 2 Data output
O
C10
vout2_d13
Video Output 2 Data output
O
D10
vout2_d14
Video Output 2 Data output
O
E10
vout2_d15
Video Output 2 Data output
O
B10
vout2_d16
Video Output 2 Data output
O
A10
vout2_d17
Video Output 2 Data output
O
F10
vout2_d18
Video Output 2 Data output
O
A11
vout2_d19
Video Output 2 Data output
O
A8
vout2_d20
Video Output 2 Data output
O
A9
vout2_d21
Video Output 2 Data output
O
A7
vout2_d22
Video Output 2 Data output
O
B9
vout2_d23
Video Output 2 Data output
O
C8
vout2_de
Video Output 2 Data Enable output
O
B7
vout2_fld
Video Output 2 Field ID output. This signal is not used for embedded sync modes.
O
D8
vout2_hsync
Video Output 2 Horizontal Sync output. This signal is not used for embedded sync
modes.
O
E8
vout2_vsync
Video Output 2 Vertical Sync output. This signal is not used for embedded sync modes.
O
B8
DPI Video Output 3
vout3_clk
Video Output 3 Clock output
O
G3
vout3_d0
Video Output 3 Data output
O
F1
vout3_d1
Video Output 3 Data output
O
E2
vout3_d2
Video Output 3 Data output
O
E1
vout3_d3
Video Output 3 Data output
O
C1
vout3_d4
Video Output 3 Data output
O
D1
vout3_d5
Video Output 3 Data output
O
D2
vout3_d6
Video Output 3 Data output
O
B1
vout3_d7
Video Output 3 Data output
O
B2
vout3_d8
Video Output 3 Data output
O
C2
vout3_d9
Video Output 3 Data output
O
D3
vout3_d10
Video Output 3 Data output
O
A2
vout3_d11
Video Output 3 Data output
O
B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com