Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9154 Datasheet HTML 27Page - Analog Devices AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 31 of 124
The PClockPeriod converts from time to PClock cycles when
needed.
PClockFactor = 4/F (Frames per PClock)
The PClockFactor converts from units of PClock cycles to frame
clock cycles, which is required to set LMFCDel in Subclass 1.
PClocksPerMF= K/PClockFactor (PClocks per LMFC Cycle)
where PClocksPerMF is the number of PClock cycles in a
multiframe cycle.
The values for PClockFactor and PClockPerMF are given per
JESD204B mode in Table 30 and Table 31.
Table 30. PClockFactor and PClockPerMF Per LMFC
JESD204B Mode ID
0
1
2
3
PClockFactor
4
2
2
1
PClockPerMF (K = 32)
8
16
16
32
PClockPerMF (K = 16)
Not applicable
8
8
16
Table 31. PClockFactor and PClockPerMF Per LMFC
JESD204B Mode ID
4
5
6
7
9
10
PClockFactor
4
2
2
1
4
2
PClockPerMF (K = 32)
8
16
16
32
8
16
PClockPerMF (K = 16)
N/A1
8
8
16
N/A1
8
1
N/A means not applicable.
With Known Delays
LMFCVar and LMFCDel can be calculated directly with
information about all the system delays.
RxFixed (the fixed receiver delay in PClock cycles) and RxVar (the
variable receiver delay in PClock cycles) are found in Table 8.
TxFixed (the fixed transmitter delay in PClock cycles) and
TxVar (the variable receiver delay in PClock cycles) can be
found in the data sheet of the transmitter used. PCBFixed (the
fixed PCB trace delay in PClock cycles) is extracted from the
software. Because PCBFixed is generally much smaller than a
PClock cycle, it can be omitted. For both the PCB and transmitter
delays, convert the delays into PClock cycles.
For each lane,
MinDelayLane = floor(RxFixed + TxFixed + PCBFixed)
FALL_COUNT_DelayLane = ceiling(RxFixed + RxVar +
TxFixed + TxVar + PCBFixed))
where, across lanes, links, and devices:
MinDelayLane is the minimum of all MinDelayLane values.
FALL_COUNT_Delay is the maximum of all
FALL_COUNT_DelayLane values.
For safety, add a guard band of 1 PClock cycle to each end of
the link delay, as shown in the following equations:
LMFCVar = (FALL_COUNT_Delay + 1) − (MinDelay − 1)
Note that if LMFCVar must be more than 10, the AD9154
cannot tolerate the variable delay in the system.
For Subclass 1,
LMFCDel = ((MinDelay − 1) × PClockFactor) % K
For Subclass 0,
LMFCDel = (MinDelay − 1) % PClockPerMF
Program the same LMFCDel and LMFCVar across all links and
devices.
See the Link Delay Setup Example, With Known Delays section
for an example calculation.
Without Known Delays
If comprehensive delay information is not available or known,
the AD9154 can read back the link latency between the LMFCRX
and the last arriving LMFC boundary in PClock cycles. Use this
information to calculate LMFCVar and LMFCDel.
For each link on each device,
1. Power up the board.
2. Follow the steps in Table 15 through Table 22 in the Device
Setup Guide section.
3. Set the subclass and perform a sync. For a one-shot sync,
perform the writes in Table 32. See the Syncing LMFC
Signals section for alternate sync modes.
4. Record DYN_LINK_LATENCY_0 (Register 0x302) as a
value of Delay for that link and power cycle.
5. Record DYN_LINK_LATENCY_1 (Register 0x303) as a
value of Delay for that link and power cycle.
Repeat Step 1 through Step 5 twenty times for each device in the
system. Keep a single list of the Delay values across all runs and
devices.
Table 32. Register Configuration and Procedure for
One-Shot Sync
Addr.
Bit.
No.
Value1
Variable
Description
0x301
0x
Subclass
Set subclass
0x03A
0x01
Set sync mode = one-shot
sync
0x03A
0x81
Enable the sync machine
0x03A
0xC1
Arm the sync machine
SYSREF
±
If Subclass = 1, ensure
that at least one SYSREF±
edge is sent to the device
0x300
0x
Enable the links
6
ChkSmMd
See the JESD204B Setup
section
3
Dual Link
See the JESD204B Setup
section
[1:0]
EnLinks
EnLinks = 3 if in DualLink
mode to enable Link 0
and Link 1; EnLinks = 1 if
not in DualLink mode to
enable Link 0
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com