Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 81 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9154 Datasheet HTML 77Page - Analog Devices AD9154 Datasheet HTML 78Page - Analog Devices AD9154 Datasheet HTML 79Page - Analog Devices AD9154 Datasheet HTML 80Page - Analog Devices AD9154 Datasheet HTML 81Page - Analog Devices AD9154 Datasheet HTML 82Page - Analog Devices AD9154 Datasheet HTML 83Page - Analog Devices AD9154 Datasheet HTML 84Page - Analog Devices AD9154 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 81 of 124
BOARD LEVEL HARDWARE CONSIDERATIONS
POWER SUPPLY RECOMMENDATIONS
POWER
INPUT
+12V
+3.3V
AD9154
ADM7154-3.3
ADM7160-3.3
ADP1753
ADP2119
ADP1741
ADP1741
ADP2370
SVDD12
DVDD12
CVDD12 + PVDD12
AVDD33
IOVDD + SIOVDD33
3.8V
1.8V
STEP DOWN DC/DC
1.2MHz, 2A
BUCK
1.2Mhz/600khz
800mA
1.2V
1.2V
1.2V
3.3V
3.3V
Figure 84. Power Supply Connections
Table 91. Power Supplies
Power Supply Domain
Voltage (V)
Circuitry
DVDD121
1.2
Digital core
PVDD122
1.2
DAC PLL
SVDD123
1.2
JESD204B receiver interface
CVDD121
1.2
DAC clocking
IOVDD
3.3
SPI interface
VTT4
1.2
VTT
SIOVDD33
3.3
Sync LVDS transmit
AVDD33
3.3
DAC
1
This supply requires a 1.3 V supply when operating at maximum DAC sample rates. See Table 3 for details.
2
This supply may be combined with CVDD12 on the same regulator with a separate supply filter network and sufficient bypass capacitors near the pins.
3
This supply requires a 1.3 V supply when operating at maximum interface rates. See Table 4 for details.
4
This supply is connected to SVDD12 and does not need separate circuitry.
The power supply domains are described in Table 91. The
power supplies can be grouped into separate PCB domains as
show in Figure 84. All the AD9154 supply domains must
remain as noise free as possible. Optimal DAC output NSD and
DAC output phase noise performance can be achieved using
linear regulators that provide excellent power supply rejection.
AVDD33, PVDD12, and CVDD12 are particularly sensitive to
supply noise.
JESD204B SERIAL INTERFACE INPUTS (SERDIN0±
TO SERDIN7±)
When considering the layout of the JESD204B serial interface
transmission lines, there are many factors to consider to
maintain optimal link performance. Among these factors are
insertion loss, return loss, signal skew, and the topology of the
differential traces.
Insertion Loss
The JESD204B specification limits the amount of insertion loss
allowed in the transmission channel (see Figure 44). The AD9154
equalization circuitry allows significantly more loss in the
channel than is required by the JESD204B specification. It is still
important that the designer of the PCB minimize the amount of
insertion loss by adhering to the following guidelines:
•
Keep the differential traces short by placing the AD9154 as
near to the transmitting logic device as possible and routing
the trace as directly as possible between the devices.
•
Route the differential pairs on a single plane using a solid
ground plane as a reference.
•
Use a PCB material with a low dielectric constant (<4) to
minimize loss, if possible.
When choosing between stripline and microstrip techniques,
consider the following: stripline has less loss (see Figure 45) and
emits less EMI, but requires the use of vias that can add complexity
to the task of controlling the impedance, whereas microstrip (see
Figure 46) is easier to implement if the component placement and
density allow routing on the top layer and eases the task of
controlling the impedance.
If using the top layer of the PCB is problematic or the advantages
of stripline are desirable, follow these recommendations:
•
Minimize the number of vias.
•
If possible, use blind vias to eliminate via stub effects and
use micro vias to minimize via inductance.
•
If using standard vias, use the maximum via length to
minimize the stub size. For example, on an 8-layer board,
use Layer 7 for the stripline pair (see Figure 85).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com